Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180A1 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS6180A1
Description  AM Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180A1 Datasheet(HTML) 6 Page - Micro Analog systems

  MAS6180A1 Datasheet HTML 1Page - Micro Analog systems MAS6180A1 Datasheet HTML 2Page - Micro Analog systems MAS6180A1 Datasheet HTML 3Page - Micro Analog systems MAS6180A1 Datasheet HTML 4Page - Micro Analog systems MAS6180A1 Datasheet HTML 5Page - Micro Analog systems MAS6180A1 Datasheet HTML 6Page - Micro Analog systems MAS6180A1 Datasheet HTML 7Page - Micro Analog systems MAS6180A1 Datasheet HTML 8Page - Micro Analog systems MAS6180A1 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 (9)
DA6180.001
27 December, 2006
TYPICAL APPLICATION (Continued)
Note 1: Crystals
The crystal as well as ferrite antenna frequencies are chosen according to the time-signal system (Table 1). The
crystal shunt capacitance C0 should be matched as well as possible with the internal shunt capacitance
compensation capacitor CC of MAS6180. MAS6180A5 is option for external crystal compensation capacitor. The
external compensation capacitor should be matched similarly as well as possible with crystal’s shunt
capacitance. See Compensation Capacitance Options on table 2.
Table 1. Time-Signal System Frequencies
Time-Signal System
Location
Antenna Frequency
Recommended Crystal Frequency
DCF77
Germany
77.5 kHz
77.503 kHz
HGB
Switzerland
75 kHz
75.003 kHz
MSF
United Kingdom
60 kHz
60.003 kHz
WWVB
USA
60 kHz
60.003 kHz
JJY
Japan
40 kHz and 60 kHz
40.003 kHz and 60.003 kHz
BPC
China
68.5 kHz
68.505 kHz
Table 2 . Compensation Capacitance Options
Device
CC
Crystal Description
MAS6180A1
0.75 pF
For low C0 crystals
MAS6180A2
1.3 pF
For high C0 crystals
MAS6180A5
CC_EXT
For any crystals, external compensation capacitor
It should be noted that grounded crystal package has reduced shunt capacitance. This value is about 85% of
floating crystal shunt capacitance. For example crystal with 1 pF floating package shunt capacitance can have
0.85 pF grounded package shunt capacitance. PCB traces of crystal and external compensation capacitance
should be kept at minimum to minimize additional parasitic capacitance which can cause capacitance
mismatching.
In dual band receiver configuration the crystals can be connected in parallel thus external compensation
capacitor value CC_EXT must be sum of two crystals’ shunt capacitances. Instead of parallel crystal connection it is
also possible to connect other crystal from QOP pin and the other crystal from QOM pin to common QI pin (figure
3). In this circuit configuration no external compensation capacitor is required since the crystals compensate
each other. The sensitivity of dual band receiver configuration will be lower than that of single band receiver
configuration since the noise band width of crystal filter with two parallel crystals is double.
Table 3 below presents some crystal manufacturers having suitable crystals for timesignal receiver application.
Table 3. Crystal Manufacturers and Crystal Types in Alphaphetical Order for Timesignal Receiver Application
Manufacturer
Crystal Type
Dimensions
Web Link
Citizen
CFV-206
ø 2.0 x 6.0
http://www.citizen.co.jp/tokuhan/quartz/
Epson Toyocom
C-2-Type
C-4-Type
ø 1.5 x 5.0
ø 2.0 x 6.0
http://www.epsontoyocom.co.jp/english/
KDS Daishinku
DT-261
ø 2.0 x 6.0
http://www.kds.info/index_en.htm
Microcrystal
MX1V-L2N
MX1V-T1K
ø 2.0 x 6.0
ø 2.0 x 8.1
http://www.microcrystal.com/
Seiko
Instruments
VTC-120
ø 1.2 x 4.7
http://www.sii-crystal.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com