Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640FCT Datasheet(PDF) 25 Page - STMicroelectronics

Part # M28W640FCT
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M28W640FCT Datasheet HTML 21Page - STMicroelectronics M28W640FCT Datasheet HTML 22Page - STMicroelectronics M28W640FCT Datasheet HTML 23Page - STMicroelectronics M28W640FCT Datasheet HTML 24Page - STMicroelectronics M28W640FCT Datasheet HTML 25Page - STMicroelectronics M28W640FCT Datasheet HTML 26Page - STMicroelectronics M28W640FCT Datasheet HTML 27Page - STMicroelectronics M28W640FCT Datasheet HTML 28Page - STMicroelectronics M28W640FCT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
M28W640FCT, M28W640FCB
Command interface
25/77
Table 7.
Read Protection Register and Lock Register
Word
E
G
W
A0-A7
A8-A21
DQ0
DQ1
DQ2
DQ3-
DQ7
DQ8-
DQ15
Lock
VIL VIL VIH
80h
Don't
Care
0
OTP Prot.
data
0
00h
00h
Unique
ID 0
VIL VIL VIH
81h
Don't
Care
ID data
ID data
ID data
ID data
ID data
Unique
ID 1
VIL VIL VIH
82h
Don't
Care
ID data
ID data
ID data
ID data
ID data
Unique
ID 2
VIL VIL VIH
83h
Don't
Care
ID data
ID data
ID data
ID data
ID data
Unique
ID 3
VIL VIL VIH
84h
Don't
Care
ID data
ID data
ID data
ID data
ID data
OTP 0
VIL VIL VIH
85h
Don't
Care
OTP data
OTP data
OTP data
OTP
data
OTP
data
OTP 1
VIL VIL VIH
86h
Don't
Care
OTP data
OTP data
OTP data
OTP
data
OTP
data
OTP 2
VIL VIL VIH
87h
Don't
Care
OTP data
OTP data
OTP data
OTP
data
OTP
data
OTP 3
VIL VIL VIH
88h
Don't
Care
OTP data
OTP data
OTP data
OTP
data
OTP
data
OTP 4
VIL VIL VIH
89h
Don't
Care
OTP data
OTP data
OTP data
OTP
data
OTP
data
OTP 5
VIL VIL VIH
8Ah
Don't
Care
OTP data
OTP data
OTP data
OTP
data
OTP
data
OTP 6
VIL VIL VIH
8Bh
Don't
Care
OTP data
OTP data
OTP data
OTP
data
OTP
data
OTP 7
VIL VIL VIH
8Ch
Don't
Care
OTP data
OTP data
OTP data
OTP
data
OTP
data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com