Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-I/P Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC12F683-I/P
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-I/P Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC12F683-I/P Datasheet HTML 31Page - Microchip Technology PIC12F683-I/P Datasheet HTML 32Page - Microchip Technology PIC12F683-I/P Datasheet HTML 33Page - Microchip Technology PIC12F683-I/P Datasheet HTML 34Page - Microchip Technology PIC12F683-I/P Datasheet HTML 35Page - Microchip Technology PIC12F683-I/P Datasheet HTML 36Page - Microchip Technology PIC12F683-I/P Datasheet HTML 37Page - Microchip Technology PIC12F683-I/P Datasheet HTML 38Page - Microchip Technology PIC12F683-I/P Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 148 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41211B-page 33
PIC12F683
4.2.2
INTERRUPT-ON-CHANGE
Each of the GPIO pins is individually configurable as an
interrupt-on-change pin. Control bits IOCx enable or
disable the interrupt function for each pin. Refer to
Register 4-4. The interrupt-on-change is disabled on a
Power-on Reset.
For enabled interrupt-on-change pins, the values are
compared with the old value latched on the last read of
GPIO. The ‘mismatch’ outputs of the last read are OR’d
together to set the GPIO Change Interrupt Flag bit
(GPIF) in the INTCON register.
This interrupt can wake the device from Sleep. The user,
in the Interrupt Service Routine, clears the interrupt by:
a)
Any read or write of GPIO. This will end the
mismatch condition, then
b)
Clear the flag bit GPIF.
A mismatch condition will continue to set flag bit GPIF.
Reading GPIO will end the mismatch condition and
allow flag bit GPIF to be cleared. The latch holding the
last read value is not affected by a MCLR nor BOD
Reset. After these resets, the GPIF flag will continue to
be set if a mismatch is present.
REGISTER 4-4:
IOC – INTERRUPT-ON-CHANGE GPIO REGISTER (ADDRESS: 96h)
4.2.3
ULTRA LOW-POWER WAKE-UP
The Ultra Low-Power Wake-up (ULPWU) on GP0
allows a slow falling voltage to generate an interrupt-
on-change on GP0 without excess current consump-
tion. The mode is selected by setting the ULPWUE bit
(PCON<5>). This enables a small current sink which
can be used to discharge a capacitor on GP0.
To use this feature, the GP0 pin is configured to output
‘1’ to charge the capacitor, interrupt-on-change for GP0
is enabled and GP0 is configured as an input. The
ULPWUE bit is set to begin the discharge and a SLEEP
instruction is performed. When the voltage on GP0
drops below VIL, an interrupt will be generated which will
cause the device to wake-up. Depending on the state of
the GIE bit (INTCON<7>), the device will either jump to
the interrupt vector (0004h) or execute the next instruc-
tion when the interrupt event occurs. See Section 4.2.2
“Interrupt-on-change” and Section 12.4.3 “GPIO
Interrupt” for more information.
This feature provides a low-power technique for period-
ically waking up the device from Sleep. The time-out is
dependent on the discharge time of the RC circuit
on GP0. See Example 4-2 for initializing the Ultra
Low-Power Wake-up module.
The series resistor provides overcurrent protection for the
GP0 pin and can allow for software calibration of the time-
out (see Figure 4-1). A timer can be used to measure the
charge time and discharge time of the capacitor. The
charge time can then be adjusted to provide the desired
interrupt delay. This technique will compensate for the
affects of temperature, voltage and component accuracy.
The Ultra Low-Power Wake-up peripheral can also be
configured as a simple Programmable Low-Voltage
Detect or temperature sensor.
Note:
If a change on the I/O pin should occur
when the read operation is being executed
(start of the Q2 cycle), then the GPIF
interrupt flag may not get set.
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
IOC<5:0>: Interrupt-on-change GPIO Control bit
1
= Interrupt-on-change enabled
0
= Interrupt-on-change disabled
Note 1: Global Interrupt Enable (GIE) must be enabled for individual interrupts to be
recognized.
2: IOC<5:4> reads ‘1’ in XT, LP and HS modes.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Note:
For more information, refer to the Applica-
tion Note AN879, “Using the Microchip
Ultra
Low-Power
Wake-up
Module”
(DS00879).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com