Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75185CDR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST75185CDR
Description  Multiple RS-232 drivers and receivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185CDR Datasheet(HTML) 5 Page - STMicroelectronics

  ST75185CDR Datasheet HTML 1Page - STMicroelectronics ST75185CDR Datasheet HTML 2Page - STMicroelectronics ST75185CDR Datasheet HTML 3Page - STMicroelectronics ST75185CDR Datasheet HTML 4Page - STMicroelectronics ST75185CDR Datasheet HTML 5Page - STMicroelectronics ST75185CDR Datasheet HTML 6Page - STMicroelectronics ST75185CDR Datasheet HTML 7Page - STMicroelectronics ST75185CDR Datasheet HTML 8Page - STMicroelectronics ST75185CDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
ST75185
Electrical characteristics
5/21
3
Electrical characteristics
Table 5.
Supply currents
Symbol
Parameter
Test Conditions
Value
Unit
VDD
VSS
Min.
Typ.
Max.
IDD
Supply current from VDD
9-9
No load.
all inputs at
1.9V
15
mA
12
-12
19
15
-15
25
9-9
No load.
all inputs at
0.8V
4.5
mA
12
-12
5.5
15
-15
9
ISS
Supply current from VSS
9-9
No load.
all inputs at
1.9V
-15
mA
12
-12
-19
15
-15
-25
9-9
No load.
all inputs at
0.8V
-3.2
mA
12
-12
-3.2
15
-15
-3.2
ICC
Supply current from VCC
No load. All inputs at 5V
VCC = 5V
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com