Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

44424049 Datasheet(PDF) 1 Page - Lapp.

Part # 44424049
Description  EPIC® H-Q 12 SC / H-Q 12 BC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

44424049 Datasheet(HTML) 1 Page - Lapp.

  44424049 Datasheet HTML 1Page - Lapp. 44424049 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
44424049
DATA SHEET
Valid from:
17.09.2018
EPIC® H-Q 12 SC / H-Q 12 BC
Creator: JOKR1/PDP
Released: IVSE1/PDP
Document: DB44424049EN
Version: 01
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
With 12 working contacts in the proven crimp technology and
one PE contact with screw termination.
High performance crimping contacts
PE contact with screw connection
General Characteristics
Series
H-Q 12
Version
Male/Female(Article 44424049 / 44424050)
Number of Contacts
12+PE
Termination Methods
Crimp termination: 0,14 - 2.5 mm²
Temperature Range
-40°C to +120°C, short-term up to +125°C
Mechanical Characteristics
Cycle of mechanical operation
200
Electrical Characteristics
Rated Voltage, IEC
400 V
Rated Voltage, UL
600 V
Rated Voltage, CSA
600 V
Rated Impulse Voltage
6 kV
Rated Current, IEC
10 A
Rated Current, UL
14 A
Rated Current, CSA
10 A
Contact Resistance
< 3 mOhm
Degree of Soiling
3
Materials and Surfaces
Contacts
Copper alloy, hard silver/gold-plated
Flammability Class according to UL 94
V0
Approvals
UL-Approval, E-File-Number
E75770
Standard
Safety Standard
IEC 61984, UL 1977


Similar Part No. - 44424049

ManufacturerPart #DatasheetDescription
logo
Lapp.
44424041 LAPP-44424041 Datasheet
286Kb / 3P
EPIC® POWER K 4/0
02.06.2023
More results

Similar Description - 44424049

ManufacturerPart #DatasheetDescription
logo
Lapp.
10034000 LAPP-10034000 Datasheet
138Kb / 2P
EPIC® H-B 10 SGR
17.09.2018
10180400 LAPP-10180400 Datasheet
181Kb / 2P
EPIC® H-EE 10 SC / H-EE 10 BC
17.09.2018
19474000 LAPP-19474000 Datasheet
132Kb / 2P
EPIC® H-A 32 SG
29.08.2022
10170600 LAPP-10170600 Datasheet
157Kb / 2P
EPIC® H-BS 12 SS / H-BS 12 BS DR
31.05.2023
10184400 LAPP-10184400 Datasheet
198Kb / 2P
EPIC® H-EE 32 SC / H-EE 32 BC
17.09.2018
10186400 LAPP-10186400 Datasheet
185Kb / 2P
EPIC® H-EE 46 SC/H-EE 46 BC
17.09.2018
10440000 LAPP-10440000 Datasheet
187Kb / 3P
EPIC® H-A10 SS / H-A10 BS
18.09.2020
70317100 LAPP-70317100 Datasheet
162Kb / 2P
EPIC® TB-H-BE 24
17.09.2018
70462200 LAPP-70462200 Datasheet
130Kb / 2P
EPIC® H-A 10 TSH
17.09.2018
79040400 LAPP-79040400 Datasheet
130Kb / 2P
EPIC® H-B 10 TBFH
17.09.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com