Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75185 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST75185
Description  Multiple RS-232 drivers and receivers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75185 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST75185 Datasheet HTML 2Page - STMicroelectronics ST75185 Datasheet HTML 3Page - STMicroelectronics ST75185 Datasheet HTML 4Page - STMicroelectronics ST75185 Datasheet HTML 5Page - STMicroelectronics ST75185 Datasheet HTML 6Page - STMicroelectronics ST75185 Datasheet HTML 7Page - STMicroelectronics ST75185 Datasheet HTML 8Page - STMicroelectronics ST75185 Datasheet HTML 9Page - STMicroelectronics ST75185 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
ST75185
6/21
Note:
3
The algebraic convention, where the more positive (less negative) limits designated as
maximum, is used in this datasheet for logic levels only (e.g. if - 10V is a maximum, the
typical value is a more negative voltage).
4
Output short circuit conditions must maintain the total power dissipation below absolute
maximum ratings.
5
Test conditions are those specified by EIA-232-E and as listed above.
6
Measured between -3V and 3V points of output waveform (EIA-232-E conditions), all
unused inputs are tied.
Table 6.
Driver electrical characteristics over operating free-air temperature range
(VDD = 9V, VSS = -9V, VCC = 5V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VOH
High Level Output Voltage
VIL = 0.8 V, RL = 3KΩ
(See
Figure 3.)
67.5
V
VOL
Low Level Output Voltage
(Note 3)
VIH = 1.9 V, RL = 3KΩ
(See
Figure 3.)
-7.5
-6
V
IIH
High Level Input Current
VI = 5 V (See Figure 4.)10
µA
IIL
Low Level Input Current
VI = 0 V (See Figure 4.)
−1.6
mA
IOS(H)
High Level Short Circuit
Output Current (Note 4)
VIL = 0.8 V, VO = 0 V
(See
Figure 3.)
-4.5
−12
−19.5
mA
IOS(L)
Low Level Short Circuit
Output Current
VIH = 2 V
VO = 0 V
(See
Figure 3.)
4.5
12
19.5
mA
RO
Output Resistance
VDD = VSS = VCC = 0 V
VO = -2 to 2 V (Note 5)
300
W
Table 7.
Driver switching characteristics
(VDD = 12V, VSS = -12V, VCC = 5V, TA = 25 °C)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tPLH
Propagation Delay Time, Low to
High Level Output
RL = 3 to 7 KΩ CL = 15 pF
(See
Figure 5, Figure 6)
315
500
ns
tPHL
Propagation Delay Time, High to
Low Level Output
RL = 3 to 7 KΩ CL = 15 pF
(See
Figure 5, Figure 6)
75
175
ns
tTLH
Transition Time Low to High Level
Output
RL = 3 to 7 KΩ CL = 15 pF
(See
Figure 5, Figure 6)
60
100
ns
RL = 3 to 7 KΩ CL = 2500 pF
(
Note 6, Figure 5, Figure 6)
1.7
2.5
µs
tTHL
Transition Time High to Low Level
Output
RL = 3 to 7 KΩ CL = 15 pF
(See
Figure 5, Figure 6)
40
7.5
ns
RL = 3 to 7 KΩ CL = 2500 pF
(
Note 6, Figure 5, Figure 6)
1.5
2.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com