Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

44429310 Datasheet(PDF) 1 Page - Lapp.

Part # 44429310
Description  EPIC® LS1.5 D6
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

44429310 Datasheet(HTML) 1 Page - Lapp.

  44429310 Datasheet HTML 1Page - Lapp. 44429310 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
44429310
DATA SHEET
Valid from:
17.09.2018
EPIC® LS1.5 D6
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: D DB44429310EN
Version: 01
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
Circular connectors for servomotors and power supply
More power for servo motors
With the proven vibrationsafe contacts
EMC version for cables with large cross-sections
General Characteristics
Series
LS 1.5
Version
for female contacts
Pin configuration
3+PE+2 / 3+PE+4
Rated voltage (V)
630 V (3,6mm Contacts)
250 V (2mm Contacts)
Rated impulse voltage
6 kV (3,6mm Contacts)
4 kV (2mm Contacts)
Rated current (A)
70 A (3.6-mm contacts) at 25 °C
30 A (2-mm contacts) at 25 °C
Contacts
Gold plated brass
Number of contacts
3+PE+2 / 3+PE+4
Termination methods
Crimp termination: 0.75 - 10 mm² (3.6 mm contacts)
Crimp termination: 0.14 - 4.0 mm² (2 mm contacts)
Protection
IP 67
Cycle of mechanical operation
50
Temperature range
-20°C to +125°C
Degree of soiling
3
Product Variations
Article- Number
Article
Cable clamping range (mm)
Pin configuration
Type LS1.5 D6 for female contacts
44429310
EPIC® LS1.5 D6
9 - 14
3+PE+2
44429311
EPIC® LS1.5 D6
14 - 20,5
3+PE+2
44429312
EPIC® LS1.5 D6
20,5 - 26,5
3+PE+2
44429313
EPIC® LS1.5 D6
9 - 14
3+PE+4
44429314
EPIC® LS1.5 D6
14 - 20,5
3+PE+4
44429315
EPIC® LS1.5 D6
20,5 - 26,5
3+PE+4
Materials and Surfaces
Housing
Nickel-plated zinc die-casting, nickel-plated brass
Insert
PA
Seal
FPM


Similar Part No. - 44429310

ManufacturerPart #DatasheetDescription
logo
Lapp.
44429316 LAPP-44429316 Datasheet
136Kb / 2P
EPIC® LS1.5 A6
17.09.2018
44429318 LAPP-44429318 Datasheet
85Kb / 1P
EPIC® LS1.5 FEMALE CONTACTS BCEM
17.09.2018
44429319 LAPP-44429319 Datasheet
85Kb / 1P
EPIC® LS1.5 FEMALE CONTACTS BCEM
17.09.2018
More results

Similar Description - 44429310

ManufacturerPart #DatasheetDescription
logo
Lapp.
24441271 LAPP-24441271 Datasheet
231Kb / 3P
EPIC® POWER LS1 D6 3PE4 TWIST
18.09.2020
44420037 LAPP-44420037 Datasheet
223Kb / 3P
EPIC® SIGNAL M23 D6
30.06.2022
44420216 LAPP-44420216 Datasheet
342Kb / 4P
EPIC® POWERLOCK D6 C
03.08.2023
44429300 LAPP-44429300 Datasheet
137Kb / 2P
EPIC® LS1.5 F6
17.09.2018
44429306 LAPP-44429306 Datasheet
160Kb / 2P
EPIC® LS1.5 A3
17.09.2018
44429316 LAPP-44429316 Datasheet
136Kb / 2P
EPIC® LS1.5 A6
17.09.2018
44429318 LAPP-44429318 Datasheet
85Kb / 1P
EPIC® LS1.5 FEMALE CONTACTS BCEM
17.09.2018
44429367 LAPP-44429367 Datasheet
82Kb / 1P
EPIC® LS1.5 CRIMPING TOOL
17.09.2018
73000000 LAPP-73000000 Datasheet
190Kb / 3P
EPIC® POWER LS1 D6 3PE4
18.09.2020
73000024 LAPP-73000024 Datasheet
197Kb / 3P
EPIC® POWER LS1 D6 SHORT 3PE4
18.09.2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com