Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

44429324 Datasheet(PDF) 1 Page - Lapp.

Part # 44429324
Description  EPIC® LS1.5 FEMALE CONTACTS BCEM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

44429324 Datasheet(HTML) 1 Page - Lapp.

  44429324 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
44429318
DATA SHEET
Valid from:
17.09.2018
EPIC® LS1.5 FEMALE CONTACTS BCEM
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB44429318EN
Version: 01
Page 1 of 1
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
Female contacts for LS 1.5 circular connectors
Article Number Article
Version
For design
3,6 mm female contacts
44429318
LS1.5 D BCEM 3,6MM AU 1,0-2,5
3,6 mm female 1,0-2,5mm²
for type D6, A6
44429319
LS1.5 D BCEM 3,6MM AU 2,5-4,0
3,6 mm female 2,5-4,0mm²
for type D6, A6
44429320
LS1.5 D BCEM 3,6MM AU 4,0-6,0
3,6 mm female 4,0-6,0mm²
for type D6, A6
44429321
LS1.5 D BCEM 3,6MM AU 6,0-16,0 3,6 mm female 6,0-16,0mm² for type D6, A6
2 mm fe male contacts
44429322
LS1.5 D BCEM 2MM AU 0,25-1,0
2 mm female 0,25-1,0mm²
for type D6, A6
44429323
LS1.5 D BCEM 2MM AU 0,75-1,5
2 mm female 0,75-1,5mm²
for type D6, A6
44429324
LS1.5 D BCEM 2MM AU 1,0-2,5
2 mm female 1,0-2,5mm²
for type D6, A6
44429325
LS1.5 D BCEM 2MM AU 4,0
2mm female 4,0mm²
for type D6, A6
Remark
Photographs are not to scale and do not represent detailed images of the respective products.


Similar Part No. - 44429324

ManufacturerPart #DatasheetDescription
logo
Lapp.
44429300 LAPP-44429300 Datasheet
137Kb / 2P
EPIC® LS1.5 F6
17.09.2018
44429306 LAPP-44429306 Datasheet
160Kb / 2P
EPIC® LS1.5 A3
17.09.2018
44429310 LAPP-44429310 Datasheet
139Kb / 2P
EPIC® LS1.5 D6
17.09.2018
44429316 LAPP-44429316 Datasheet
136Kb / 2P
EPIC® LS1.5 A6
17.09.2018
44429367 LAPP-44429367 Datasheet
82Kb / 1P
EPIC® LS1.5 CRIMPING TOOL
17.09.2018
More results

Similar Description - 44429324

ManufacturerPart #DatasheetDescription
logo
Lapp.
1121300C LAPP-1121300C Datasheet
88Kb / 1P
EPIC® MC 2.5 MACHINED CONTACTS
17.09.2018
11147000 LAPP-11147000 Datasheet
269Kb / 2P
EPIC® TOOLS FOR CONTACTS
17.09.2018
11201000 LAPP-11201000 Datasheet
86Kb / 1P
EPIC® MC 2.5 STAMPED CONTACTS
17.09.2018
11241100 LAPP-11241100 Datasheet
148Kb / 2P
EPIC® H-D 1.6 STAMPED CONTACTS
08.04.2021
44420260 LAPP-44420260 Datasheet
203Kb / 2P
EPIC® POWERLOCK CRIMP CONTACTS
12.05.2021
44429300 LAPP-44429300 Datasheet
137Kb / 2P
EPIC® LS1.5 F6
17.09.2018
44429306 LAPP-44429306 Datasheet
160Kb / 2P
EPIC® LS1.5 A3
17.09.2018
44429310 LAPP-44429310 Datasheet
139Kb / 2P
EPIC® LS1.5 D6
17.09.2018
44429316 LAPP-44429316 Datasheet
136Kb / 2P
EPIC® LS1.5 A6
17.09.2018
44429367 LAPP-44429367 Datasheet
82Kb / 1P
EPIC® LS1.5 CRIMPING TOOL
17.09.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com