Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640FCT85N6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28W640FCT85N6F
Description  64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FCT85N6F Datasheet(HTML) 1 Page - STMicroelectronics

  M28W640FCT85N6F Datasheet HTML 1Page - STMicroelectronics M28W640FCT85N6F Datasheet HTML 2Page - STMicroelectronics M28W640FCT85N6F Datasheet HTML 3Page - STMicroelectronics M28W640FCT85N6F Datasheet HTML 4Page - STMicroelectronics M28W640FCT85N6F Datasheet HTML 5Page - STMicroelectronics M28W640FCT85N6F Datasheet HTML 6Page - STMicroelectronics M28W640FCT85N6F Datasheet HTML 7Page - STMicroelectronics M28W640FCT85N6F Datasheet HTML 8Page - STMicroelectronics M28W640FCT85N6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
October 2006
Rev 3
1/77
1
M28W640FCT
M28W640FCB
64 Mbit (4Mbx16, Boot Block)
3V Supply Flash memory
Feature summary
■
Supply voltage
–VDD = 2.7V to 3.6V Core Power Supply
–VDDQ= 1.65V to 3.6V for Input/Output
–VPP = 12V for fast Program (optional)
■
Access times: 70, 85, 90,100ns
■
Programming time:
– 10µs typical
– Double Word Programming Option
– Quadruple Word Programming Option
■
Common Flash Interface
■
Memory blocks
– Parameter Blocks (Top or Bottom location)
– Main Blocks
■
Block locking
– All blocks locked at Power Up
– Any combination of blocks can be locked
–WP for Block Lock-Down
■
Security
– 128 bit user Programmable OTP cells
– 64 bit unique device identifier
■
Automatic standby mode
■
Program and Erase Suspend
■
100,000 program/erase cycles per block
■
Electronic signature
– Manufacturer code: 20h
– Top device code, M28W640FCT: 8848h
– Bottom device code, M28W640FCB: 8849h
■
Packages
– ECOPACK® compliant
TSOP48 (N)
12 x 20mm
FBGA
TFBGA48 (ZB)
6.39 x 10.5mm
www.st.com


Similar Part No. - M28W640FCT85N6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640FCT STMICROELECTRONICS-M28W640FCT Datasheet
1Mb / 55P
64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
08-Apr-2005
logo
Numonyx B.V
M28W640FCT NUMONYX-M28W640FCT Datasheet
1Mb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M28W640FCT85N6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
31-Oct-2001
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
29-Apr-2003
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
10-Dec-2004
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
20-Jan-2006
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
16-Nov-2004
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
08-Apr-2005
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
17-May-2000
logo
Numonyx B.V
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com