Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPF Datasheet(PDF) 67 Page - fujitsu semiconductor

Part # MB90347CEPF
Description  16-bit Proprietary Microcontroller CMOS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CEPF Datasheet(HTML) 67 Page - fujitsu semiconductor

Back Button MB90347CEPF Datasheet HTML 63Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 64Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 65Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 66Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 67Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 68Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 69Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 70Page - fujitsu semiconductor MB90347CEPF Datasheet HTML 71Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
MB90340E Series
67
(13) I2C Timing
(TA
= –40°C to +105°C, VCC = 5.0 V ± 10%, VSS = 0.0 V)
*1: For use at over 100 kHz, set the machine clock to at least 6 MHz.
*2: R,C: Pull-up resistor and load capacitor of the SCL and SDA lines.
*3: The maximum tHDDAT meets the requirement that it does not extend the “L” width (tLOW) of the SCL signal.
*4: A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement
tSUDAT
≥ 250 ns must then be met.
Parameter
Symbol
Condition
Standard-mode
Fast-mode*1
Unit
Min
Max
Min
Max
SCL clock frequency
fSCL
R
= 1.7 kΩ,
C
= 50 pF*2
0
100
0
400
kHz
Hold time (repeated) START condition
SDA
↓ → SCL ↓
tHDSTA
4.0
⎯
0.6
⎯µs
“L” width of the SCL clock
tLOW
4.7
⎯
1.3
⎯µs
“H” width of the SCL clock
tHIGH
4.0
⎯
0.6
⎯µs
Set-up time (repeated) START condition
SCL
↑ → SDA ↓
tSUSTA
4.7
⎯
0.6
⎯µs
Data hold time
SCL
↓ → SDA ↓ ↑
tHDDAT
0
3.45*3
00.9*4
µs
Data set-up time
SDA
↓ ↑ → SCL ↑
tSUDAT
250
⎯
100
⎯
ns
Set-up time for STOP condition
SCL
↑ → SDA ↑
tSUSTO
4.0
⎯
0.6
⎯µs
Bus free time between a STOP and START
condition
tBUS
4.7
⎯
1.3
⎯µs
SDA
SCL
tLOW
tSUDAT
tHDSTA
tBUS
tHDSTA
tHDDAT
tHIGH
tSUSTA
tSUSTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com