Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3241EBPR Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST3241EBPR
Description  짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3241EBPR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST3241EBPR Datasheet HTML 9Page - STMicroelectronics ST3241EBPR Datasheet HTML 10Page - STMicroelectronics ST3241EBPR Datasheet HTML 11Page - STMicroelectronics ST3241EBPR Datasheet HTML 12Page - STMicroelectronics ST3241EBPR Datasheet HTML 13Page - STMicroelectronics ST3241EBPR Datasheet HTML 14Page - STMicroelectronics ST3241EBPR Datasheet HTML 15Page - STMicroelectronics ST3241EBPR Datasheet HTML 16Page - STMicroelectronics ST3241EBPR Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
ST3241E
16/17
6
Revision history
Table 12.
Revision history
Date
Revision
Changes
21-Jun-2004
2
The IL (Output Leakage Current) mA ==> µA in table 8.
03-Apr-2006
3
Order codes has been updated and new template.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com