Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3241EBTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST3241EBTR
Description  짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3241EBTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST3241EBTR Datasheet HTML 7Page - STMicroelectronics ST3241EBTR Datasheet HTML 8Page - STMicroelectronics ST3241EBTR Datasheet HTML 9Page - STMicroelectronics ST3241EBTR Datasheet HTML 10Page - STMicroelectronics ST3241EBTR Datasheet HTML 11Page - STMicroelectronics ST3241EBTR Datasheet HTML 12Page - STMicroelectronics ST3241EBTR Datasheet HTML 13Page - STMicroelectronics ST3241EBTR Datasheet HTML 14Page - STMicroelectronics ST3241EBTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ST3241E
Package mechanical data
11/17
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2
0.079
A1
0.050
0.002
A2
1.65
1.75
1.85
0.065
0.069
0.073
b
0.22
0.38
0.009
0.015
c
0.09
0.25
0.004
0.010
D
9.9
10.2
10.5
0.390
0.402
0.413
E
7.4
7.8
8.2
0.291
0.307
0.323
E1
5
5.3
5.6
0.197
0.209
0.220
e
0.65 BSC
0.0256 BSC
K0°
10°
10°
L
0.55
0.75
0.95
0.022
0.030
0.037
SSOP28 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com