Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPFV Datasheet(PDF) 71 Page - fujitsu semiconductor

Part # MB90347CEPFV
Description  16-bit Proprietary Microcontroller CMOS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CEPFV Datasheet(HTML) 71 Page - fujitsu semiconductor

Back Button MB90347CEPFV Datasheet HTML 67Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 68Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 69Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 70Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 71Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 72Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 73Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 74Page - fujitsu semiconductor MB90347CEPFV Datasheet HTML 75Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
MB90340E Series
71
7.
Notes on A/D Converter Section
Use the device with external circuits of the following output impedance for analog inputs :
Recommended output impedance of external circuits are : Approx. 1.5 k
Ω or lower (4.0 V ≤ AVCC ≤ 5.5 V,
sampling period
= 0.5 µs)
If an external capacitor is used, in consideration of the capacitive voltage dividing effect between the external
capacitor and the internal on-chip capacitor, it is recommended that the capacitance of the external capacitor
be several thousand times greater than the capacitance of the internal capacitor.
If the output impedance of the external circuit is too high, a sampling period for an analog voltage may be
insufficient.
8.
Flash Memory Program/Erase Characteristics
* : This value was converted from the results of evaluating the reliability of the technology (using Arrhenius equation
to translate high temperature measurements into normalized value at
+85 °C) .
Parameter
Conditions
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
TA
= +25 °C
VCC
= 5.0 V
⎯
115
s
Excludes programming
prior to erasure
Chip erase time
⎯
9
⎯
s
Excludes programming
prior to erasure
Word (16-bit width)
programming time
⎯
16
3600
µs
Except for the over head
time of the system
Program/Erase cycle
⎯
10000
⎯⎯
cycle
Flash Data Retention
Time
Average
TA
= +85 °C
20
⎯⎯
year
*
C
Comparator
Analog input
R
4.5 V
≤ AVCC ≤ 5.5 V : R := 2.52 kΩ, C := 10.7 pF
4.0 V
≤ AVCC < 4.5 V : R := 13.6 kΩ, C := 10.7 pF
• Analog input circuit model
Note : Use the values in the figure only as a guideline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com