Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19W Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # BAS19W
Description  BAS19W-BAS21W SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAS19W Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  BAS19W Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAS19W Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAS19W Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAS19W Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N0588, Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
BAS19W-BAS21W
Characteristic
Symbol
Min
Max
Units
Test Condition
Forward Voltage*
VF
-
1.00
1.25
V
@IF=100mA
@IF=200mA
Reverse Leakage Current*
IR
-
100
nA
@Rated DC Blocking Voltage
Capacitance between terminals
CT
-
5
pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
-
50
ns
IF=IR=30mA,
IRR=0.1×IR, RL=100Ω
* Pulse width < 300 µs, duty cycle < 2%
Note: 1. Device mounted on fiberglass substrate 40×40×1.5mm
Electrical Characteristics @TA=25°C unless otherwise specified
Ratings and Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com