Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F02 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F02
Description  Quad 2-Input NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F02 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54F02 Datasheet HTML 1Page - National Semiconductor (TI) 54F02 Datasheet HTML 2Page - National Semiconductor (TI) 54F02 Datasheet HTML 3Page - National Semiconductor (TI) 54F02 Datasheet HTML 4Page - National Semiconductor (TI) 54F02 Datasheet HTML 5Page - National Semiconductor (TI) 54F02 Datasheet HTML 6Page - National Semiconductor (TI) 54F02 Datasheet HTML 7Page - National Semiconductor (TI) 54F02 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit Loading/Fan Out
See Section 0 for U.L. definitions
54F/74F
Pin Names
Description
U.L.
Input I
IH/IIL
HIGH/LOW
Output I
OH/IOL
A
n,Bn
Inputs
1.0/1.0
20 µA/−0.6 mA
O
n
Outputs
50/33.3
−1 mA/20 mA
PrintDate=1997/09/03 PrintTime=06:50:37 11240 ds009455 Rev. No. 1
cmserv
Proof
2
DSXXX
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com