Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F02SC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F02SC
Description  Quad 2-Input NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F02SC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F02SC Datasheet HTML 1Page - National Semiconductor (TI) 74F02SC Datasheet HTML 2Page - National Semiconductor (TI) 74F02SC Datasheet HTML 3Page - National Semiconductor (TI) 74F02SC Datasheet HTML 4Page - National Semiconductor (TI) 74F02SC Datasheet HTML 5Page - National Semiconductor (TI) 74F02SC Datasheet HTML 6Page - National Semiconductor (TI) 74F02SC Datasheet HTML 7Page - National Semiconductor (TI) 74F02SC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
54F/74F02
Quad 2-Input NOR Gate
General Description
This device contains four independent gates, each of which
performs the logic NOR function.
Ordering Code: See Section 0
Commercial
Military
Package
Package Description
Number
74F02PC
N14A
14-Lead (0.300" Wide) Molded Dual-In-Line
54F02DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F02SC (Note 1)
M14A
14-Lead (0.150" Wide) Molded Small Outline, JEDEC
74F02SJ (Note 1)
M14D
14-Lead (0.300" Wide) Molded Small Outline, EIAJ
54F02FM (Note 2)
W14B
14-Lead Cerpack
54F02LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier, Type C
Note 1: Devices also available in 13" reel. Use suffix = SCX and SJX.
Note 2: Military grade device with environmental and burn-in processing. Use suffix = DMQB, FMQB and LMQB.
Logic Symbol
Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
IEEE/IEC
DS009455-3
Pin Assignment for
DIP, SOIC and Flatpak
DS009455-2
Pin Assignment
for LCC
DS009455-1
December 1994
© 1997 National Semiconductor Corporation
DS009455
www.national.com
1
PrintDate=1997/09/03 PrintTime=06:50:37 11240 ds009455 Rev. No. 1
cmserv
Proof
1
DSXXX


Similar Part No. - 74F02SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F02SC FAIRCHILD-74F02SC Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
74F02SC FAIRCHILD-74F02SC Datasheet
63Kb / 5P
Quad 2-Input NOR Gate
More results

Similar Description - 74F02SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com