Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3415L-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3415L-AE3-R
Description  -4.0A, -20V P-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3415L-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3415L-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT3415L-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT3415L-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT3415L-AE3-R Datasheet HTML 4Page - Unisonic Technologies UT3415L-AE3-R Datasheet HTML 5Page - Unisonic Technologies UT3415L-AE3-R Datasheet HTML 6Page - Unisonic Technologies UT3415L-AE3-R Datasheet HTML 7Page - Unisonic Technologies UT3415L-AE3-R Datasheet HTML 8Page - Unisonic Technologies UT3415L-AE3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3415
POWER MOSFET
www.unisonic.com.tw
1 of 9
Copyright © 2023 Unisonic Technologies Co., Ltd
QW-R210-074.C
-4.0A, -20V P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT3415 is a P-channel MOS Field Effect
Transistor. it uses UTC’s advanced technology to provide the
customers with high switching speed and a minimum on-state
resistance.
The UTC UT3415 is suitable for high voltage switching
applications.
FEATURES
* RDS(ON) ≤ 45 mΩ @ VGS=-4.5V, ID=-4.0A
RDS(ON) ≤ 62 mΩ @ VGS=-2.5V, ID=-4.0A
RDS(ON) ≤ 84 mΩ @ VGS=-1.8V, ID=-2.0A
RDS(ON) ≤ 105 mΩ @ VGS=-1.5V, ID=-1.0A
* High switching speed
* Low input capacitance
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1 2 3 4 5 6 7 8
UT3415L-AE3-R
UT3415G-AE3-R
SOT-23
G S D -
-
-
-
-
Tape Reel
UT3415L-AG6-R
UT3415G-AG6-R
SOT-26
D D G S D D -
-
Tape Reel
UT3415L-S08-R
UT3415G-S08-R
SOP-8
S S S G D D D D
Tape Reel
Note: Pin Assignment: G: Gate
S: Source
D: Drain


Similar Part No. - UT3415L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3413 UTC-UT3413 Datasheet
241Kb / 5P
P-CHANNEL ENHANCEMENT MODE
UT3413G-AE2-R UTC-UT3413G-AE2-R Datasheet
241Kb / 5P
P-CHANNEL ENHANCEMENT MODE
UT3413G-AE2-R UTC-UT3413G-AE2-R Datasheet
251Kb / 5P
P-CHANNEL ENHANCEMENT MODE
UT3413G-AE3-R UTC-UT3413G-AE3-R Datasheet
241Kb / 5P
P-CHANNEL ENHANCEMENT MODE
UT3413G-AE3-R UTC-UT3413G-AE3-R Datasheet
251Kb / 5P
P-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT3415L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT8307 ANALOGICTECH-AAT8307 Datasheet
168Kb / 6P
20V P-Channel Power MOSFET
AAT8401 ANALOGICTECH-AAT8401 Datasheet
158Kb / 6P
20V P-Channel Power MOSFET
AAT8515 ANALOGICTECH-AAT8515 Datasheet
79Kb / 6P
20V P-Channel Power MOSFET
AAT8343 ANALOGICTECH-AAT8343_06 Datasheet
216Kb / 6P
20V P-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM260P02CX6 TSC-TSM260P02CX6 Datasheet
327Kb / 5P
20V P-Channel Power MOSFET
TSM500P02CX TSC-TSM500P02CX Datasheet
400Kb / 5P
20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1480WT1G LRC-LP1480WT1G Datasheet
489Kb / 5P
-20V P-Channel Power Mosfet
logo
Will Semiconductor Ltd.
WPM2080 WILLSEMI-WPM2080 Datasheet
1Mb / 8P
Single P-Channel, -20V, -4.0A, Power MOSFET
WNMD2166 WILLSEMI-WNMD2166 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 4.0A, Power MOSFET
logo
KIA Semiconductor Techn...
3415 KIA-3415 Datasheet
122Kb / 5P
-4.0A竊?20V P-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com