Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3415L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT3415L-S08-R
Description  -4.0A, -20V P-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3415L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT3415L-S08-R Datasheet HTML 1Page - Unisonic Technologies UT3415L-S08-R Datasheet HTML 2Page - Unisonic Technologies UT3415L-S08-R Datasheet HTML 3Page - Unisonic Technologies UT3415L-S08-R Datasheet HTML 4Page - Unisonic Technologies UT3415L-S08-R Datasheet HTML 5Page - Unisonic Technologies UT3415L-S08-R Datasheet HTML 6Page - Unisonic Technologies UT3415L-S08-R Datasheet HTML 7Page - Unisonic Technologies UT3415L-S08-R Datasheet HTML 8Page - Unisonic Technologies UT3415L-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UT3415
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R210-074.C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0 V, ID =-250 µA
-20
V
Drain-Source Leakage Current
IDSS
VDS=-20V, VGS=0V
-1.0
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+8V, VDS=0V
+100 nA
Reverse
VGS=-8V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS= VGS, ID=-250μA
-0.3
-0.9
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-4.0A
45
mΩ
VGS=-2.5V, ID=-4.0A
62
mΩ
VGS=-1.8V, ID=-2.0A
84
mΩ
VGS=-1.5V, ID=-1.0A
105 mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=-10V, f=1.0MHz
1000
pF
Output Capacitance
COSS
200
pF
Reverse Transfer Capacitance
CRSS
170
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=-10V, VGS=-10V, ID=-4.0A ,
IG=-1mA (Note 1, 2)
30
nC
Gate to Source Charge
QGS
1.5
nC
Gate to Drain Charge
QGD
4
nC
Turn-ON Delay Time
tD(ON)
VDD=-10V, VGS=-10V, ID=-4.0A,
RG=3Ω (Note 1, 2)
4
ns
Rise Time
tR
17
ns
Turn-OFF Delay Time
tD(OFF)
44
ns
Fall-Time
tF
26
ns
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Continuous Drain-Source Diode
Forward Current
IS
-4
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
-8
A
Diode Forward Voltage
VSD
IF=-4.0A, VGS=0V
-1.4
V
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com