Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3415G-AG6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT3415G-AG6-R
Description  -4.0A, -20V P-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3415G-AG6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT3415G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UT3415G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UT3415G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UT3415G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UT3415G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UT3415G-AG6-R Datasheet HTML 6Page - Unisonic Technologies UT3415G-AG6-R Datasheet HTML 7Page - Unisonic Technologies UT3415G-AG6-R Datasheet HTML 8Page - Unisonic Technologies UT3415G-AG6-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UT3415
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R210-074.C
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current
DC
ID
-4
A
Pulsed (Note 2)
IDM
-8
A
Single Avalanche Energy (Note 3)
EAS
48
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
1.38
V/ns
Power Dissipation
SOT-23
PD
0.7
W
SOT-26
0.6
W
SOP-8
1
W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L=0.1mH, IAS=-31.1A, VDD= -20V, RG=25Ω, Starting TJ=25°C.
4. ISD ≤-1.0A, di/dt ≤200A/μs, VDD ≤BVDSS, Starting TJ=25°C.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-23
θJA
177
°C/W
SOT-26
208
°C/W
SOP-8
125
°C/W
Note: Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com