Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2D10065KS Datasheet(PDF) 3 Page - BASIC SEMICONDUCTOR

Part # B2D10065KS
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2D10065KS Datasheet(HTML) 3 Page - BASIC SEMICONDUCTOR

  B2D10065KS Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2D10065KS Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2D10065KS Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2D10065KS Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2D10065KS Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2D10065KS Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2D10065KS Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev. 0.1
www.basicsemi.com
3 / 7
Electrical Characteristics
Static Characteristics
AC Characteristics
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
VDC
DC blocking voltage
Tj=25°C
650
V
VF
Diode forward voltage
IF=10A Tj=25°C
IF=10A Tj=175°C
1.36
1.70
V
IR
Reverse current
VR=650V Tj=25°C
VR=650V Tj=175°C
1
10
μA
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
QC
Total capactive charge
VR=400V Tj=25°C
������������ = ∫ C(V)dV
VR
0
29
nC
C
Total capacitance
VR=1V
f=1MHz
VR=300V f=1MHz
VR=600V f=1MHz
457
49.7
49.3
pF
EC
Capacitance stored energy
VR=400V
7.5
μJ
B2D10065KS
SiC Schottky Diode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com