Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1175 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS1175
Description  IC FOR 10.00 - 20.00 MHz VCTCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1175 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS1175 Datasheet HTML 1Page - Micro Analog systems MAS1175 Datasheet HTML 2Page - Micro Analog systems MAS1175 Datasheet HTML 3Page - Micro Analog systems MAS1175 Datasheet HTML 4Page - Micro Analog systems MAS1175 Datasheet HTML 5Page - Micro Analog systems MAS1175 Datasheet HTML 6Page - Micro Analog systems MAS1175 Datasheet HTML 7Page - Micro Analog systems MAS1175 Datasheet HTML 8Page - Micro Analog systems MAS1175 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 (9)
DA1175.008
13 July, 2006
PIN DESCRIPTION
Pin Description
Symbol
x-coordinate
y-coordinate
Power Supply Voltage
VDD
263
1330
Programming Input
PV
503
1326
Serial Bus Clock Input
CLK
745
1321
Serial Bus Data Input
DA
1001
1321
Temperature Output
TE1
1246
1325
Test Multiplexer Output
TE2
1454
1325
Voltage Control Input
VC
190
231
Crystal Oscillator Output
X1
398
231
Crystal/Varactor Oscillator Input
X2
1355
231
Power Supply Ground
VSS
1828
242
Buffer Output
OUT
2031
231
Note: Because the substrate of the die is internally connected to VDD, the die has to be connected to VDD or
left floating. Make sure that VDD is the first pad to be bonded. Pick-and-place and all component assembly are
recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD - VSS
-0.3
6.0
V
Input Voltage
VIN
VSS -0.3
VDD + 0.3
V
1)
Power Dissipation
PMAX
20
mW
Storage Temperature
TST
-55
150
oC
Note: Not valid for programming pin PV
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
2.7
2.8
5.5
V
Supply Current
ICC
Vcc = 2.8 Volt
1.8
mA
Operable Temperature
TC
-30
+85
oC
Storage Temperature
TS
Relative humidity =
15%…70%
-5
+40
oC
Crystal Pulling Sensitivity
S
30
ppm/pF
Load Capacitance
CL
10
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com