Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9186 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9186
Description  8 X 8-bit D to A Converter 3-pin Serial Data Interface Low Voltage Output Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9186 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9186 Datasheet HTML 1Page - Micro Analog systems MAS9186 Datasheet HTML 2Page - Micro Analog systems MAS9186 Datasheet HTML 3Page - Micro Analog systems MAS9186 Datasheet HTML 4Page - Micro Analog systems MAS9186 Datasheet HTML 5Page - Micro Analog systems MAS9186 Datasheet HTML 6Page - Micro Analog systems MAS9186 Datasheet HTML 7Page - Micro Analog systems MAS9186 Datasheet HTML 8Page - Micro Analog systems MAS9186 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 (9)
DA9186.001
29 January, 2004
MAS9186
8 X 8-bit D to A Converter
• 3-pin Serial Data Interface
• Low Voltage Output Buffer
DESCRIPTION
MAS9186 is 8-channel 8-bit DAC, designed
primarily for trimmer replacement. Device is
controlled by a simple 3-line input. The output
buffers operate in the entire voltage range from
ground to the positive power supply rail.
DAC is selected with three first bits in serial input
data (SDI-pin) and the DAC output value is set
according to the last 8 bits in serial input data.
FEATURES
APPLICATIONS
•
Eight 8-bit DACs on a single monolithic chip
•
Voltage level output
•
TSSOP 16 package
•
Single +2.7V supply
•
Power-on reset
•
High resolution monitors
•
Automatic gain control
•
Trimmer replacement
BLOCK DIAGRAM
This is preliminary information on a new
product under development. Micro Analog
Systems Oy reserves the right to make any
changes without notice.
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
8-BIT DAC
O4
8-BIT DAC
O3
O2
O1
VREFH
8-BIT DAC
O8
O7
O6
O5
CLK
SDI
XCS
VDD
GND
11-bit
Shift
Register
Address
Decoder
8-bit data
MAS9186A2
VREFL
(XRESET in
MAS9186A1)


Similar Part No. - MAS9186

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9180 MAS-MAS9180 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1TC00 MAS-MAS9180A1TC00 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1UA06 MAS-MAS9180A1UA06 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1UC06 MAS-MAS9180A1UC06 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A5TC00 MAS-MAS9180A5TC00 Datasheet
278Kb / 15P
AM Receiver IC
More results

Similar Description - MAS9186

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5620L WOLFSON-WM5620L Datasheet
362Kb / 14P
3 & 5V Quad 8-Bit Voltage Output DAC with Serial Interface
WM5628L WOLFSON-WM5628L Datasheet
370Kb / 15P
3 & 5V Octal 8-Bit Voltage Output DAC with Serial Interface
logo
Fairchild Semiconductor
SPT7730 FAIRCHILD-SPT7730 Datasheet
62Kb / 8P
8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Texas Instruments
DAC5573 TI-DAC5573 Datasheet
499Kb / 30P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, INTERFACE DIGITAL-TO-ANALOG CONVERTER
logo
Micro Analog systems
MAS9184A MAS-MAS9184A Datasheet
132Kb / 9P
12 X 8-bit D to A Converter
MAS9187 MAS-MAS9187 Datasheet
141Kb / 7P
12 X 8-bit D to A Converter
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
8-Bit A/D Converters With Serial Interface
logo
Cadeka Microcircuits LL...
SPT7730 CADEKA-SPT7730 Datasheet
170Kb / 8P
8-BIT, 3.0 MSPS, SERIAL OUTPUT A/D CONVERTER
logo
Texas Instruments
DAC5573 TI1-DAC5573_16 Datasheet
1Mb / 35P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
8-Bit A/D Converters With Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com