Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2D20120H1 Datasheet(PDF) 3 Page - BASIC SEMICONDUCTOR

Part # B2D20120H1
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2D20120H1 Datasheet(HTML) 3 Page - BASIC SEMICONDUCTOR

  B2D20120H1 Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2D20120H1 Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2D20120H1 Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2D20120H1 Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2D20120H1 Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2D20120H1 Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2D20120H1 Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SiC Schottky Diode
3 / 7
www.basicsemi.com
Electrical Characteristics
Static Characteristics
Symbol
Parameter
Test conditions
Unit
T
j=25°C
I
F=20A Tj=25°C
I
F=20A Tj=175°C
1200
1.35
1.78
1.6
2.7
20
40
160
400
V
V
μA
Min.
Typ.
Max.
Value
V
DC
V
F
I
R
DC blocking voltage
Diode forward voltage
Reverse current
V
R=1200V Tj=25°C
V
R=1200V Tj=175°C
AC Characteristics
Symbol
Parameter
Test conditions
Unit
120
1342
112
85
62
Min.
Typ.
Max.
Value
Q
C
C
E
C
Total capacitive charge
Total capacitance
Capacitance stored energy
nC
pF
μJ
V
R=800V
V
R=1V
f=1MHz
V
R=400V f=1MHz
V
R=800V f=1MHz
V
R=800V Tj=25°C
Q
C=∫0 C(V)dV
VR
B2D20120H1
Rev. 1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com