Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD161602A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD161602A
Description  MOS INTEGRATED CIRCUIT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD161602A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD161602A Datasheet HTML 6Page - Renesas Technology Corp UPD161602A Datasheet HTML 7Page - Renesas Technology Corp UPD161602A Datasheet HTML 8Page - Renesas Technology Corp UPD161602A Datasheet HTML 9Page - Renesas Technology Corp UPD161602A Datasheet HTML 10Page - Renesas Technology Corp UPD161602A Datasheet HTML 11Page - Renesas Technology Corp UPD161602A Datasheet HTML 12Page - Renesas Technology Corp UPD161602A Datasheet HTML 13Page - Renesas Technology Corp UPD161602A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Data Sheet S15381EJ1V0DS
8
µµµµPD161602A/B
(2/2)
Pin Symbol
Pin Name
Pad No.
I/O
Description
VCsel
COM amplitude
output fixing signal
428
Input The VCOM output is fixed to L. When the VCOM output is not used, VCsel needs
to be fixed to L.
VCsel = L: VCOM output fixed to L
VCsel = H: VCOM signal output in correspondence with POL signal
CM
8-color display
mode switching
433
Input The operating mode is switched to 8-color mode. In this mode, turn off the
γ -
resistor, amplifier, and BIAS circuit. However, when the
γ -correction power supply
is input externally, the
γ -circuit current will flow continuously.
CM = L: Normal display mode
CM = H: 8-color display mode
AP
Output SW
ON/OFF
435
Input This pin turns ON/OFF the BIAS circuit and turns on the output SW and amplifier.
When AP is H, the amplifier is set and the LCD is driving.
The amplifier output and output SW are turned on at the rising edge of AP,
starting the LCD drive. Note that the output SW is turned off at the rising edge of
STB and the output becomes Hi-Z.
For the AP input timing, refer to Switching Characteristics Waveform.
GAM
External
γ usage
selection
432
Input When the
γ -correction power supply is input externally, switch GAM to H. If two or
more chips are used, be sure to input the
γ -correction power supply externally.
Figure 4–1 shows an input example of the
γ -correction power supply.
GAM = L: External
γ -correction power supply not input (open)
GAM = H: External
γ -correction power supply input
Osel
Driver output
count switching
430
Input The output count can be selected. When Osel = H, the unused pins S1 to S18 and
S379 to S396 always become Hi-Z.
Osel = L: 396 outputs
Osel = H: 360 outputs
V0 to V4
γ -corrected power
supplies
461 to 463,
457 to 459, 453
to 455, 449 to
451, 445 to 447
−
These pins input the
γ -corrected power supplies from outside, the relationship
below must be observed. Also, be sure to stabilize the gray-scale-level power
supply during gray-scale voltage output.
VSS2
≤ V4 ≤ V3 ≤ V2 ≤ V1 ≤ V0 ≤ VDD2
BA
BIAS current
adjustment
function
431
Input This pin adjusts the BIAS current. Select either the high power mode or low power
mode.
BA = L: Low power mode
BA = H: high power mode
TESTIN
TEST input pin
480
Input Set to H or leave open
TESTO1,
TESTO2
TEST output pin
478,
479
Output Leave open.
VDD1
Logic power
supply
416 to 418, 482
to 484
−
2.2 to 3.6 V
VDD2
Driver power
supply
412 to 414, 494
to 496
−
4.5 to 5.5 V
VSS1
Logic ground
420 to 422, 486
to 488
−
Ground
VSS2
Driver ground
424 to 426, 490
to 492
−
Ground
Dummy1 to
dummy40
Dummy
397 to 408, 411,
415, 419, 423, 427,
444, 448, 452, 456,
460, 464, 481, 485,
489, 493, 487, 499
to 510
−
This pin is dummy.
Caution To avoid latchup failure, the sequence when turning on the power must be VDD1
→
→
→
→ logic input →
→
→
→
VDD2
→
→
→
→gray-scale power supply (V0 to V4), and the reverse sequence when turning off the power.
Follow this sequence during shift periods as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com