Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD98408 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD98408
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD98408 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD98408 Datasheet HTML 17Page - Renesas Technology Corp UPD98408 Datasheet HTML 18Page - Renesas Technology Corp UPD98408 Datasheet HTML 19Page - Renesas Technology Corp UPD98408 Datasheet HTML 20Page - Renesas Technology Corp UPD98408 Datasheet HTML 21Page - Renesas Technology Corp UPD98408 Datasheet HTML 22Page - Renesas Technology Corp UPD98408 Datasheet HTML 23Page - Renesas Technology Corp UPD98408 Datasheet HTML 24Page - Renesas Technology Corp UPD98408 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Data Sheet S12313EJ3V0DS
19
µµµµPD98408
DC CHARACTERISTICS (TA =
–40 to +85
°°°°C, VDD = 3.3 V ±±±± 5 %)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input leakage current
IL
VI = VDD or GND
–
–
2
µA
High-level output current
IOH1
VOH = 2.4 V
Note 1
–3.0
–
–
mA
IOH2
VOH = 2.4 V
Note 2
–8.0
–
–
mA
Low-level output current
IOL1
VOL = 0.4 V
Note 1
3.0
−
–mA
IOL2
VOL = 0.4 V
Note 2
9.0
–
–
mA
High-level output voltage
VOH1
IOH = 0 mA
Note 3
VDD – 0.4
–
–
V
VOH2
IOH = 0 mA
When Note 3 is not applied
VDD – 0.2
–
–
V
Low-level output voltage
VOL
IOL = 0 mA
–
–
0.1
V
Supply current
IDD
In operation Note 4
–
330
460
mA
Notes 1. Applies to pins JDO/RDATA0, RECCLK/RDATA1, IC/RDATA2, IC/RDATA3, IC/RDATA4, IC/RDATA5,
SOUT, and IC/RCLK0-IC/RCLK5.
2. Applies to pins RxDATA0-RxDATA7, RxSOC, RxCLAV, TxCLAV, INT_B, DTACK_B/RDY_B, and
DATA0-DATA7.
3. Applies to pins IC/RCLK0-IC/RCLK5 only when 1 is input to the PMDONLY pin (only PMD operates).
4. Power consumption when resistors and magnetic module components are connected to the UTP
interface pins (TDOPn/TDONn, RDIPn/RDINn) (refer to SYSTEM CONFIGURATION EXAMPLE
(CONNECTION WITH MAGNETICS)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com