Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7701MF Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7701MF
Description  Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7701MF Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMP7701MF Datasheet HTML 13Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 14Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 15Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 16Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 17Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 18Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 19Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 20Page - National Semiconductor (TI) LMP7701MF Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Application Information (Continued)
PRECISION CURRENT SOURCE
The LMP7701/LMP7702/LMP7704 can each be used as a
precision current source in many different applications. Fig-
ure 6 shows a typical precision current source. This circuit
implements a precision voltage controlled current source.
Amplifier A1 is a differential amplifier that uses the voltage
drop across R
S as the feedback signal. Amplifier A2 is a
buffer that eliminates the error current from the load side of
the R
S resistor that would flow in the feedback resistor if it
were connected to the load side of the R
S resistor. In gen-
eral, the circuit is stable as long as the closed loop band-
width of amplifier A2 is greater then the closed loop band-
width of amplifier A1. Note that if A1 and A2 are the same
type of amplifiers, then the feedback around A1 will reduce
its bandwidth compared to A2.
The equation for output current can be derived as follows:
Solving for the current I results in the following equation:
LOW INPUT VOLTAGE NOISE
The LMP7701/LMP7702/LMP7704 have very low input volt-
age noise of 9 nV/
. This input voltage noise can be
further reduced by placing N amplifiers in parallel as shown
in Figure 7. The total voltage noise on the output of this
circuit is divided by the square root of the number of ampli-
fiers used in this parallel combination. This is because each
individual amplifier acts as an independent noise source,
and the average noise of independent sources is the quadra-
ture sum of the independent sources divided by the number
of sources. For N identical amplifiers, this means:
Figure 7 shows a schematic of this input voltage noise
reduction circuit. Typical resistor values are:
R
G =10
Ω,R
F =1k
Ω, and R
O =1k
Ω.
20127305
FIGURE 6. Precision Current Source
20127356
FIGURE 7. Noise Reduction circuit
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com