Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV16W Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # BAV16W
Description  BAV16W SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAV16W Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  BAV16W Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAV16W Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAV16W Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAV16W Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N0589, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
BAV16W
* Pulse width < 300 µs, duty cycle < 2%
Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
Max
Unit
Test Condition
Forward Voltage*
VF
0.715
0.855
1.0
1.25
V
IF=1mA
IF=10mA
IF=50mA
IF=150mA
Reverse Leakage Current*
IR
1
μA VR=75V
Capacitance between terminals
CT
2
pF VR=0V,f=1.0MHz
Reverse recovery time
trr
4
ns IF= IR=10mA, Irr=0.1×IR, RL=100Ω
Ratings and Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com