Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70 Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # BAV70
Description  BAV70 SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAV70 Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  BAV70 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAV70 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAV70 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAV70 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0592, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
BAV70
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Ordering Information
Marking Diagram
Device
Package
Shipping
BAV70
SOT-23
(Pb-Free)
3000pcs / reel
Mechanical Dimensions SOT-23
SYMBOL
Millimeters
Inches
MIN.
MAX.
MIN.
MAX.
A
0.890
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.076
0.170
0.003
0.007
D
2.650
3.050
0.104
0.120
E
1.190
1.400
0.047
0.055
E1
2.100
2.550
0.083
0.100
e
0.950 TYP.
0.037 TYP.
e1
1.780
2.050
0.070
0.081
L
0.550 REF.
0.022 REF.
L1
0.300
0.500
0.012
0.020
θ
0°
8°
0°
8°
Carrier Tape Specification SOT-23
SYMBOL
Millimeters
Min.
Max.
A
3.05
3.25
B
2.67
2.87
C
1.12
1.32
d
1.40
1.60
E
1.65
1.85
F
3.40
3.60
P
3.90
4.10
P0
3.90
4.10
P1
1.90
2.10
W
7.90
8.30
A4 = Marking Code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com