Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW56T Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # BAW56T
Description  BAW56T/BAV70T/BAV99T SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAW56T Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  BAW56T Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAW56T Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAW56T Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAW56T Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N1727, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
BAW56T
BAV70T
BAV99T
Parameter
Symbol
Test conditions
Min
Max
Units
Reverse breakdown voltage*
V(BR)
IR=1μA
85
-
V
Reverse voltage leakage current*
IR1
VR=75V
-
2
μA
IR2
VR=25V
-
0.03
μA
Forward voltage*
VF
IF=1mA
-
715
mV
IF=10mA
-
855
IF=50mA
-
1000
IF=150mA
-
1250
Diode capacitance
CD
VR=0V,f=1MHz
-
1.5
pF
Reverse recovery time
Trr
IF= IR=10mA, Irr=0.1×IR, RL=100Ω
-
4
ns
* Pulse width < 300 µs, duty cycle < 2%
Electrical Characteristics @TA=25°C unless otherwise specified
Ratings and Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com