Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB151S Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # DB151S
Description  DB151S THRU DB157S SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

DB151S Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  DB151S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD DB151S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD DB151S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD DB151S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD DB151S Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N1476, Rev. C
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
DB151S THRU DB157S
Characteristic
Symbol
DB
151S
DB
152S
DB
153S
DB
154S
DB
155S
DB
156S
DB
157S Units
Maximum Forward Voltage Drop*
per Bridge Element @IF =1.5A, TJ=25°C
VF
1.0
V
Peak Reverse Current*
@TA = 25°C
At Rated DC Blocking Voltage* @TA = 125°C
IR
5
200
μA
Typical Junction Capacitance (Note 2)
CJ
25
pF
* Pulse width < 300 µs, duty cycle < 2%
Characteristic
Symbol
DB
151S
DB
152S
DB
153S
DB
154S
DB
155S
DB
156S
DB
157S Units
Typical Thermal Resistance Junction to
Ambient
RθJA
40
°C/W
Typical Thermal Resistance Junction to Lead
RθJL
15
°C/W
Operating Junction and Storage Temperature
Range
TJ ,TSTG
-55 to + 150
°C
Note: 1. Mounted on glass epoxy PC board with 1.3mm2 solder pad.
2. Measured at 1.0 MHZ and applied reverse voltage of 4.0 VDC
Electrical Characteristics @TA=25°C unless otherwise specified
Thermal-Mechanical Specifications @TA=25°C unless otherwise specified
Ratings and Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com