Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF150S Datasheet(PDF) 4 Page - SMC Diode Solutions Co. LTD

Part # DF150S
Description  DF150S-DF1510S Single-Phase 1.5A Surface Mount Glass Passivated Bridge Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

DF150S Datasheet(HTML) 4 Page - SMC Diode Solutions Co. LTD

  DF150S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD DF150S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD DF150S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD DF150S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD DF150S Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data
Data Sheet N0468, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
DF150S THRU DF1510S
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Ordering Information
Marking Diagram
Device
Package
Plating
Shipping
DF150S
THRU
DF1510S
DF-S
(Pb-Free)
Pure Sn
1500pcs / reel
Carrier Tape Specification DF-S
SYMBOL
Millimeters
Min.
Max.
A0
8.65
8.95
B0
10.31
10.51
D0
1.50
1.60
D1
1.40
1.60
P0
3.90
4.10
P1
11.90
12.10
P2
1.90
2.10
E
1.65
1.85
K0
3.21
3.41
F
7.40
7.60
W
15.70
16.30
T
0.30
0.40
10P0
39.80
40.20
Where XXXXX is YYWWL
DF150S
= Type Number
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com