Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9012A4 Datasheet(PDF) 10 Page - Micro Analog systems

Part # MAS9012A4
Description  Stepper Motor Driver IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9012A4 Datasheet(HTML) 10 Page - Micro Analog systems

Back Button MAS9012A4 Datasheet HTML 4Page - Micro Analog systems MAS9012A4 Datasheet HTML 5Page - Micro Analog systems MAS9012A4 Datasheet HTML 6Page - Micro Analog systems MAS9012A4 Datasheet HTML 7Page - Micro Analog systems MAS9012A4 Datasheet HTML 8Page - Micro Analog systems MAS9012A4 Datasheet HTML 9Page - Micro Analog systems MAS9012A4 Datasheet HTML 10Page - Micro Analog systems MAS9012A4 Datasheet HTML 11Page - Micro Analog systems MAS9012A4 Datasheet HTML 12Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DA9012.001
25 August 2004
10 (12)
SOLDERING INFORMATION
Resistance to Soldering Heat
According to RSH test IEC 68-2-58/20 2*220
°C
Maximum Temperature
240
°C
Maximum Number of Reflow Cycles
3
Reflow profile
Thermal profile parameters stated in JESD22-A113 should not
be exceeded. http://www.jedec.org
Seating Plane Co-planarity
max 0.08 mm
Lead Finish
Solder plate 7.62 - 25.4
µm, material Sn 85% Pb 15%
EMBOSSED TAPE SPECIFICATIONS (TSSOP16)
Dimension
Min
Max
Unit
A0
6.50
6.70
mm
B0
5.20
5.40
mm
D0
1.50 +0.10 / -0.00
mm
D1
1.50
mm
E1
1.65
1.85
mm
F1
7.20
7.30
mm
K0
1.20
1.40
mm
P
11.90
12.10
mm
P0
4.0
mm
P2
1.95
2.05
mm
S1
0.6
mm
T
0.25
0.35
mm
W
11.70
12.30
mm
P
0
P
P
2
A
0
D
1
D
0
A
A
Section A - A
E
1
F
1
W
Tape Feed Direction
B
0
T
K
0
S
1
Tape Feed Direction
Pin 1 Designator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com