Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC07ADE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC07ADE4
Description  HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC07ADE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC07ADE4 Datasheet HTML 1Page - Texas Instruments SN74LVC07ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC07ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC07ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC07ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC07ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC07ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC07ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC07ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
SN54LVC07A, SN74LVC07A
HEX BUFFERS/DRIVERS
WITH OPEN-DRAIN OUTPUTS
SCAS595O – OCTOBER 1997 – REVISED JULY 2005
SN54LVC07A(2)
SN74LVC07A
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
1.65
5.5
1.65
5.5
V
VCC = 1.65 V to 1.95 V
0.65
× V
CC
0.65
× V
CC
VCC = 2.3 V to 2.7 V
1.7
1.7
VIH
High-level input voltage
V
VCC = 2.7 V to 3.6 V
2
2
VCC = 4.5 V to 5.5 V
0.7
× V
CC
0.7
× V
CC
VCC = 1.65 V to 1.95 V
0.35
× V
CC
0.35
× V
CC
VCC = 2.3 V to 2.7 V
0.7
0.7
VIL
Low-level input voltage
V
VCC = 2.7 V to 3.6 V
0.8
0.8
VCC = 4.5 V to 5.5 V
0.3
× V
CC
0.3
× V
CC
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
5.5
0
5.5
V
VCC = 1.65 V
4
4
VCC = 2.3 V
12
12
IOL
Low-level output current
VCC = 2.7 V
12
12
mA
VCC = 3 V
24
24
VCC = 4.5 V
24
24
TA
Operating free-air temperature
–55
125
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
Product preview
over recommended operating free-air temperature range (unless otherwise noted)
SN54LVC07A(1)
SN74LVC07A
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN TYP(2)
MAX
MIN TYP(2)
MAX
IOL = 100 µA
1.65 V to 5.5 V
0.2
0.2
IOL = 4 mA
1.65 V
0.45
0.45
2.3 V
0.7
0.7
VOL
IOL = 12 mA
V
2.7 V
0.4
0.4
3 V
0.55
0.55
IOL = 24 mA
4.5 V
II
VI = 5.5 V or GND
3.6 V
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
10
µA
One input at VCC – 0.6 V,
∆I
CC
2.7 V to 3.6 V
500
500
µA
Other inputs at VCC or GND
Ci
VI = VCC or GND
3.3 V
5
5
pF
(1)
Product preview
(2)
All typical values are at VCC = 3.3 V, TA = 25°C.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com