Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-300P-R Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC-300P-R
Description  RFID Reader for UTC-300 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-300P-R Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC-300P-R Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ubiquitous Touch Computer 5XX Modules
UTC-300P-R
RFID Reader for UTC-300 Series
UTC-300P-S
Smart Card Reader for UTC-300 Series
Specifications
Interface
USB
Cable Length
50cm
Frequency
13.56 MHz
RFID R/W Mode
Support ISO15693, ISO14443A/B, Felica, Mifare
Ultralight
NFC
Suport NFCIP-1 (ISO 18092),
NFCIP-2 (ISO/IEC21481)
NFC Card Mode
Simulates ISO14443A/B mode
NFC R/W Mode
Support Type 1/2/3/4
OS Support
Windows XP/7/8
Dimensions
101 x 37 x 25 mm
Operating Temperature
0 ~ 40° C
Packing List
Description
Quantity
RFID Reader Unit
1
Bracket
1
Screw
2
Installation Guide
1
Ordering Information
P/N
Description
UTC-300P-R10E
RFID Reader, White, for UTC-315
UTC-300P-R11E
RFID Reader, Black, for UTC-315
UTC-300P-R20E
RFID Reader, White, for UTC-318
UTC-300P-R21E
RFID Reader, Black, for UTC-318
Specifications
Interface
USB
Cable Length
50cm
Card Acceptor/ Reliability
Friction Type (ID-1) , 200,000 cycles
International Standard
Comply with PC/SC 1.0 standard and EMV L1
Compliant IC Card
Standard
CPU Card: Comply with ISO7816-1,2,3,T=1 and T=0
protocol
Memory Card: Synchronous 2-line, 3-line and I2C
interface
LED
Dual color LED indicator
OS Support
Windows XP/7/8
Dimensions
101 x 37 x 25 mm
Operating Temperature
0 ~ 40° C
Packing List
Description
Quantity
Smart Card Reader Unit
1
Bracket
1
Screw
2
Installation Guide
1
Ordering Information
P/N
Description
UTC-300P-S10E
Smart Card Reader, White, for UTC-315
UTC-300P-S11E
Smart Card Reader, Black, for UTC-315
UTC-300P-S20E
Smart Card Reader, White, for UTC-318
UTC-300P-S21E
Smart Card Reader, Black, for UTC-318
All product specifications are subject to change without notice
Last updated : 2-Apr-2015


Similar Part No. - UTC-300P-R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-300P-R ADVANTECH-UTC-300P-R Datasheet
277Kb / 1P
RFID Reader for UTC-315/318/320 Series
31-Mar-2021
UTC-300P-R10E ADVANTECH-UTC-300P-R10E Datasheet
211Kb / 1P
RFID Reader for UTC-300 Series
UTC-300P-R10E ADVANTECH-UTC-300P-R10E Datasheet
211Kb / 1P
Smart Card Reader for UTC-300 Series
UTC-300P-R11E ADVANTECH-UTC-300P-R11E Datasheet
211Kb / 1P
RFID Reader for UTC-300 Series
UTC-300P-R11E ADVANTECH-UTC-300P-R11E Datasheet
211Kb / 1P
Smart Card Reader for UTC-300 Series
More results

Similar Description - UTC-300P-R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-300P-C10E ADVANTECH-UTC-300P-C10E Datasheet
201Kb / 1P
5M Camera Module for UTC-300 Series
UTC-300P-R10E ADVANTECH-UTC-300P-R10E Datasheet
211Kb / 1P
RFID Reader for UTC-300 Series
UTC-P03-A1E ADVANTECH-UTC-P03-A1E Datasheet
453Kb / 1P
RFID Reader for UTC-500 Series
logo
Abracon Corporation
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
RFID Reader (Passive)
11.17.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
RFID Reader (Passive)
11.24.14
logo
Advantech Co., Ltd.
UTC-300P-S ADVANTECH-UTC-300P-S Datasheet
211Kb / 1P
Smart Card Reader for UTC-300 Series
UTC-300P-C ADVANTECH-UTC-300P-C Datasheet
214Kb / 1P
5M Camera Module for UTC-300 Series
UTC-510P-B ADVANTECH-UTC-510P-B Datasheet
417Kb / 1P
Barcode Reader for UTC-510 Series
15-Apr-2016
UTC-300P-R ADVANTECH-UTC-300P-R_V01 Datasheet
277Kb / 1P
RFID Reader for UTC-315/318/320 Series
31-Mar-2021
UTC-542P-B ADVANTECH-UTC-542P-B Datasheet
431Kb / 1P
Barcode Reader for UTC-542 Series
29-Nov-2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com