Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-300P-R20E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UTC-300P-R20E
Description  15.6" Ubiquitous Touch Computer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-300P-R20E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UTC-300P-R20E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-300P-R20E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-300P-R20E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-300P-R20E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
UTC-315F/H/I
Specifications (Cont.)
Dimensions
Unit: mm
402.0
75.0
75.0
19.0
7.0
387.3
362.6
388.8
Environmental Specifications
Operating Temperature
0 ~ 40° C (32 ~ 104° F)
Relative Humidity
10 ~ 95% @ 40° C non-condensing
Vibration
0.5G
Shock
10 G peak acceleration (11 msec. duration)
EMC/ Safety
CE. FCC, UL, CCC, CB, BSMI, BIS, UKCA
Front Panel Protection
IP65/ NEMA4 Compliant
Power Supply
Input Voltage
12-30VDC
Power Consumption
Typical 32W, Max. 70W
Adapter
12V 7A, 84W or 12V 8A, 96W ITE adapter (dependent on stock)
LCD Display
Size
15.6" TFT LCD
15.6" TFT LCD
Max Resolution
1366 x 768 (FHD 1920 x 1080 Optional)
1920 x 1080
Max Color
262K
262K
Pixel Pitch (um)
252(H) x 252(V)
252(H) x 252(V)
Brightness (cd/m2)
220 (Typical)
220 (Typical)
View Angle
90° /60° (170°/ 170° Optional)
90°/60° (170°/170°optional)
Touch Screen
Type
Analog Resistive 5-wires (Res. Flat Glass) / Projected Capacitive Touch Panel (Pcap. Flat Glass) / Glass Panel
Light Transmission
Res. Touch : 80% ± 5% / P-Cap Touch : 90% ± 2%
Controller
COM interface / USB interface
DeviceOn/iService
Remote Device Management
Operating System
Windows 10
Common Controls
(Reboot, Shutdown)
Remote desktop
(VNC)
Audio Controls
*
Connection Status
Hardware Status
*
Hard Disk Status
*
Batch Operation Support
OTA Storage Management
FTP
OTA Software Updates
Software Watchlist
Software Start/Stop
*
Peripherals Watchlist
*
Note: DeviceOn/iService software must be downloaded from the Advantech website at https://www.advantech.com/search/?q=DeviceOn%2FiService&st=support&sst=Utility
*Dependant on device model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com