Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC-300P-R20E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UTC-300P-R20E
Description  18.5" Ubiquitous Touch Computer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UTC-300P-R20E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UTC-300P-R20E Datasheet HTML 1Page - Advantech Co., Ltd. UTC-300P-R20E Datasheet HTML 2Page - Advantech Co., Ltd. UTC-300P-R20E Datasheet HTML 3Page - Advantech Co., Ltd. UTC-300P-R20E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Interactive Self-service Terminals
Features
RoHS
COMPLIANT
2002/95/EC
Microsoft®
Windows®
Embedded
UTC-318
ƒ
Low power and fanless system design
ƒ
Built in Intel Core™ i5-6300U (UTC-318F), Intel® Core™ i5-8365UE
(UTC-318H) and Intel® Core™ i5-1145G7E (UTC-318I)
ƒ
18.5" monitor with 16:9 widescreen display
ƒ
IP65-rated front panel for water and dust resistance
ƒ
Supports both landscape and portrait screen orientations
ƒ
VESA 100 mm standard mounting holes for varied mounting demands
ƒ
Detachable frame design for panel mount applications
ƒ
Support DeviceOn/iService software for remote device management
(UTC-318F only)
ƒ
Support TPM 2.0 (UTC-318F/H/I)
Introduction
UTC-318 is the multi-purpose all-in-one computing system which equipped with wide format, touch based LCD panel. It is easy to integrate key peripherals and display systems for
diversified self-service and interactive signage deploy in different application areas. With the removable frame , the system also could fulfill industries or control system applications
with panel mounting design. UTC series touch panel computers are the best investments to enhance user satisfaction, further brand equity, and maximize business profits.
Moreover, UTC-318 is equipped with Advantech’s DeviceOn/iService software, which is a next-generation unified device management solution based on the WISE-DeviceOn platform.
With support for batch operations and multi-device control, DeviceOn/iService enables easy device configuration and deployment for convenient remote device management.
Specifications
Model
UTC-318F
UTC-318H
UTC-318I
Processor System
CPU
Intel® Core™ i5-6300U (Default)
Intel® Core™ i3-6100U
ntel Core i7-8665UE
Intel Core i5-8365UE (Default)
Intel Core i3-8145UE
Intel Core i7-1185G7E
Intel Core i5-1145G7E (Default)
Intel Core i3-1115G4E
Intel Celeron 6305E
Basic Frequency
i5: 2.4 GHz (Dual-Core)
i3: 2.3 GHz (Dual-Core)
i7: 1.70 GHz (Quad-Core)
i5: 1.60 GHz (Quad-Core)
i3: 2.20 GHz (Dual-Core)
i7: 1.80 GHz (Quad-Core)
i5: 1.50 GHz (Quad-Core)
i3: 2.20 GHz (Dual-Core)
Celeron 6305E: 1.8GHZ (Dual-Core)
Cache
i5: 3MB
i3: 3MB
i7: 8 MB
i5: 6 MB
i3: 4 MB
i7: 12 MB
i5: 8 MB
i3: 6 MB
Celeron 6305E: 4MB
Memory
1 x 260pin SO-DIMM DDR4
2133 MHz up to 16 GB
1 x 260pin SO-DIMM DDR4
2400 MHZ up to 32GB
1 x 260pin SO-DIMM DDR4
3200 MHZ up to 32GB
HDD
1 x 2.5 internal SATA HDD bay
Network
2 x Gigabit Ethernet ports (RJ-45)
I/O ports
1 x RS-232
1 x RS-232/422/485
2 x USB 2.0 / 4 x USB 3.0
2 x Gigabit Ethernet (RJ-45)
1 x HDMI
1 x RJ11 (12V output only)
Audio Line-out x 1, Mic-in x 1
1 x RS-232
1 x RS-232/485
6 x USB 3.1
2 x Gigabit Ethernet (RJ-45)
1 x HDMI
1 x DP
Audio Line-out x 1, Mic-in x 1
1 x RS-232
1 x RS-232/485
2 x USB 2.0 / 4 x USB 3.2
2 x Gigabit Ethernet (RJ-45)
1 x HDMI
Audio Line-out x 1, Mic-in x 1
Stereo Speaker
2W x 2
BUS expansion
Full-size MiniPCIe/mSATA
1x M.2 2280/2242 M-Key for NVMe/SATA SSD
1x M.2 2230 E-Key
Mounting
VESA 100 x 100; Screw Size: M4, 10mm
Dimension(WxHxD)
475 x 295 x 43.5 mm
Weight
5 kg
Security
TPM2.0
Support
OS support
Win 10 IOT Enterprise 64bit
Linux
Win 10 IOT Enterprise 64bit
Win 11 IOT Enterprise 64bit
Linux
Environmental Specifications
Operating Temperature
0 ~ 40° C (32 ~ 104° F)
Relative Humidity
10 ~ 95% @ 40° C non-condensing
Vibration
0.5G
Shock
10 G peak acceleration (11 msec. duration)
EMC/ Safety
CE, FCC, UL, CCC, CB, BSMI, UKCA
Front Panel Protection
IP65/ NEMA4 Compliant
18.5" Ubiquitous Touch Computer
UTC-318F with 6th Gen Intel® Core™ i5/i3 Processor
UTC-318H with 8th Gen Intel® Core™ i7/i5/i3 Processor
UTC-318I with 11th Gen Intel® Core™ i7/i5/i3 and Celeron® 6305E Processor
All product specifications are subject to change without notice, * identify as optional function
Last updated: 6-Jul-2023


Similar Part No. - UTC-300P-R20E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-300P-R20E ADVANTECH-UTC-300P-R20E Datasheet
211Kb / 1P
RFID Reader for UTC-300 Series
UTC-300P-R20E ADVANTECH-UTC-300P-R20E Datasheet
211Kb / 1P
Smart Card Reader for UTC-300 Series
UTC-300P-R20E ADVANTECH-UTC-300P-R20E Datasheet
494Kb / 2P
18.5" Ubiquitous Touch Computer
UTC-300P-R20E ADVANTECH-UTC-300P-R20E Datasheet
211Kb / 1P
RFID Reader for UTC-300 Series
2-Apr-2015
UTC-300P-R20E ADVANTECH-UTC-300P-R20E Datasheet
277Kb / 1P
RFID Reader for UTC-315/318/320 Series
31-Mar-2021
More results

Similar Description - UTC-300P-R20E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UTC-W101B ADVANTECH-UTC-W101B Datasheet
536Kb / 2P
10.1' Ubiquitous Touch Computer
UTC-318 ADVANTECH-UTC-318 Datasheet
494Kb / 2P
18.5" Ubiquitous Touch Computer
UTC-532 ADVANTECH-UTC-532_16 Datasheet
555Kb / 2P
32' Ubiquitous Touch Computer
UTC-510 ADVANTECH-UTC-510 Datasheet
404Kb / 2P
10.1' Ubiquitous Touch Computer
UTC-312 ADVANTECH-UTC-312_V01 Datasheet
1Mb / 2P
11.6 Ubiquitous Touch Computer
18-Jul-2016
UTC-320 ADVANTECH-UTC-320 Datasheet
473Kb / 2P
21.5 Ubiquitous Touch Computer
15-Feb-2019
UTC-315 ADVANTECH-UTC-315_V01 Datasheet
914Kb / 4P
15.6" Ubiquitous Touch Computer
6-Jul-2023
UTC-520 ADVANTECH-UTC-520_V02 Datasheet
737Kb / 4P
21.5" Ubiquitous Touch Computer
29-Dec-2022
UTC-520 ADVANTECH-UTC-520_V04 Datasheet
913Kb / 4P
21.5" Ubiquitous Touch Computer
7-Jan-2023
UTK-615 ADVANTECH-UTK-615 Datasheet
753Kb / 3P
15.6" Ubiquitous Touch Computer
15-Oct-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com