Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP01-QDF Datasheet(PDF) 26 Page - Silicon Storage Technology, Inc

Part # SST13LP01-QDF
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP01-QDF Datasheet(HTML) 26 Page - Silicon Storage Technology, Inc

Back Button SST13LP01-QDF Datasheet HTML 19Page - Silicon Storage Technology, Inc SST13LP01-QDF Datasheet HTML 20Page - Silicon Storage Technology, Inc SST13LP01-QDF Datasheet HTML 21Page - Silicon Storage Technology, Inc SST13LP01-QDF Datasheet HTML 22Page - Silicon Storage Technology, Inc SST13LP01-QDF Datasheet HTML 23Page - Silicon Storage Technology, Inc SST13LP01-QDF Datasheet HTML 24Page - Silicon Storage Technology, Inc SST13LP01-QDF Datasheet HTML 25Page - Silicon Storage Technology, Inc SST13LP01-QDF Datasheet HTML 26Page - Silicon Storage Technology, Inc SST13LP01-QDF Datasheet HTML 27Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP01
©2005 SST Communications Corp.
S71287-00-000
11/05
26
PACKAGING DIAGRAMS
24-CONTACT VERY-VERY-THIN-PROFILE QUAD FLAT NO-LEAD (WQFN)
SST PACKAGE CODE: QD
TABLE
6: REVISION HISTORY
Revision
Description
Date
00
•
SST conversion of data sheet GP1301
Nov 2005
Note: 1. Complies with JEDEC JEP95 MO-220J, variant WGGD-4 except external paddle dimensions.
2. From the bottom view, the pin #1 indicator may be either a 45-degree chamfer or a half-circle notch.
3. The external paddle is electrically connected to the die back-side and possibly to certain VSS leads.
This paddle can be soldered to the PC board; it is suggested to connect this paddle to the VSS of the unit.
Connection of this paddle to any other voltage potential can result in shorts and/or electrical malfunction of the device.
4. Untoleranced dimensions are nominal target dimensions.
5. All linear dimensions are in millimeters (max/min).
24-wqfn-4x4-QD-1.2
2.3
0.5 BSC
See notes
2 and 3
Pin #1
0.30
0.18
0.075
2.3
0.2
4.00
0.05 Max
0.45
0.35
0.80
0.70
Pin #1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1mm
± 0.08
4.00
± 0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com