Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9116AASD08 Datasheet(PDF) 13 Page - Micro Analog systems

Part # MAS9116AASD08
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9116AASD08 Datasheet(HTML) 13 Page - Micro Analog systems

Back Button MAS9116AASD08 Datasheet HTML 9Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 10Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 11Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 12Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 13Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 14Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 15Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 16Page - Micro Analog systems MAS9116AASD08 Datasheet HTML 17Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13 (18)
DA9116.005
22 November, 2005
APPLICATION INFORMATION
Application Note 3
Single supply voltage circuit below is based on signal AC coupling and biasing output opamp in the middle point
of supply voltages. Note that only right channel circuit is presented. The left channel circuit would be exactly the
same. The component values have been chosen to limit lower corner frequency to about 20 Hz.
AVCC
DVCC
+ 5V supply
MAS9116
RFO
(Right Channel)
1MΩ
1MΩ
IN
2uF
+
2uF
OUT (inverted)
RIN
RMO
-
100nF
1MΩ
10kΩ
RGND
DGND
LGND
AGND
2uF
AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com