Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-RMN3P/G Datasheet(PDF) 20 Page - STMicroelectronics

Part # M95040-RMN3P/G
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RMN3P/G Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M95040-RMN3P/G Datasheet HTML 16Page - STMicroelectronics M95040-RMN3P/G Datasheet HTML 17Page - STMicroelectronics M95040-RMN3P/G Datasheet HTML 18Page - STMicroelectronics M95040-RMN3P/G Datasheet HTML 19Page - STMicroelectronics M95040-RMN3P/G Datasheet HTML 20Page - STMicroelectronics M95040-RMN3P/G Datasheet HTML 21Page - STMicroelectronics M95040-RMN3P/G Datasheet HTML 22Page - STMicroelectronics M95040-RMN3P/G Datasheet HTML 23Page - STMicroelectronics M95040-RMN3P/G Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Instructions
M95040, M95020, M95010
20/42
6.4
Write Status Register (WRSR)
This instruction has no effect on bits b7, b6, b5, b4, b1 and b0 of the Status Register.
As shown in Figure 10, to send this instruction to the device, Chip Select (S) is first driven
Low. The bits of the instruction byte and data byte are then shifted in on Serial Data Input
(D).
The instruction is terminated by driving Chip Select (S) High. Chip Select (S) must be driven
High after the rising edge of Serial Clock (C) that latches the eighth bit of the data byte, and
before the next rising edge of Serial Clock (C). If this condition is not met, the Write Status
Register (WRSR) instruction is not executed. The self-timed Write Cycle starts, and
continues for a period tW (as specified in Table 18 to Table 22), at the end of which the Write
in Progress (WIP) bit is reset to 0.
The instruction is not accepted, and is not executed, under the following conditions:
●
if the Write Enable Latch (WEL) bit has not been set to 1 (by executing a Write Enable
instruction just before)
●
if a Write Cycle is already in progress
●
if the device has not been deselected, by Chip Select (S) being driven High, after the
eighth bit, b0, of the data byte has been latched in
●
if Write Protect (W) is Low.
Figure 10.
Write Status Register (WRSR) sequence
C
D
AI01445B
S
Q
2
1
3456789 10 11 12 13 14 15
High Impedance
Instruction
Status
Register In
0
765432
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com