Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9191AJ-T Datasheet(PDF) 21 Page - Micro Analog systems

Part # MAS9191AJ-T
Description  Single Chip AMPS/ETACS/NAMPS Audio/Data Processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9191AJ-T Datasheet(HTML) 21 Page - Micro Analog systems

Back Button MAS9191AJ-T Datasheet HTML 17Page - Micro Analog systems MAS9191AJ-T Datasheet HTML 18Page - Micro Analog systems MAS9191AJ-T Datasheet HTML 19Page - Micro Analog systems MAS9191AJ-T Datasheet HTML 20Page - Micro Analog systems MAS9191AJ-T Datasheet HTML 21Page - Micro Analog systems MAS9191AJ-T Datasheet HTML 22Page - Micro Analog systems MAS9191AJ-T Datasheet HTML 23Page - Micro Analog systems MAS9191AJ-T Datasheet HTML 24Page - Micro Analog systems MAS9191AJ-T Datasheet HTML 25Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
DA9191A.000
July 31, 1997
FUNCTIONS
◆ DACs
The device has three 8-bit DACs. The DACs can be
set to the power down mode by using bits
XPDDAC1, XPDDAC2 and XPDDAC3. The DACs
are in power down mode after a reset. The Vref for
the DACs is VDD/2. The output values of the DACs
are entered in 8-bit two’s complement form into
registers 16HEX, 17HEX and 18HEX. The typical step
size is 13 mV and the DC output level is in the range
0.3V..VDD-0.3V. The differential nonlinearity is ±0.5
LSB and the integral ±2LSB. The settling time is
10ms (max). The minimum load resistance is 30k
and the maximum load capacitance is 80pF.
◆ Op Amps
There are two uncommitted inverting operational
amplifiers in the device. The input pins are RXACCIN
and TXACCIN. The output pins are RXACCOUT and
TXACCOUT. The Op Amps are capable of driving
capacitive loads up to 1nF.
◆ Serial Interface
The serial interface has three inputs: SCL (serial
clock), STB (strobe) and SRxD(received data).
Output pin STxD is used for transmitting data. The
data is latched with the rising edge of the SCL signal.
The MSB is received first and the LSB last. Before
the STB signal, eight address bits must first be
shifted in. The STB signal sets the device into the
data mode. The MSB of the address byte defines the
read/write operation. If the MSB is high the data is
read from the device. If the MSB is low, the data is
written to the device. After the STB the written data is
shifted in with the rising edge of the SCL. If the data
is to be read from the device, the STxD output is in
the state of MSB data bit after the STB signal. The
falling edge of the SCL shifts the next data bit to the
STxD output. Eight data bits must be shifted out at
which time the device exits the data mode. Because
the serial interface transmit buffer is dynamic, data
will be valid on the buffer only 200 uS after the STB
signal appears. This means that the SCL frequency
must be at least 5kHz.
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
ADDRESS
ADDRESS
DATA
DATA
STB
SCL
SRxD
STxD
STB
SCL
SRxD
STxD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com