Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9270CTG1 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9270CTG1
Description  IC FOR 10.00 - 30.00 MHz VCTCXO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9270CTG1 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9270CTG1 Datasheet HTML 1Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 2Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 3Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 4Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 5Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 6Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 7Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 8Page - Micro Analog systems MAS9270CTG1 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DA9270.008
11 September 2006
2 (9)
PIN DESCRIPTION
Pin Description
Symbol
x-coordinate
y-coordinate
Power Supply Voltage
VDD
166
1430
Programming Input
PV
420
1435
Serial Bus Clock Input
CLK
979
1441
Serial Bus Data Input
DA
1234
1441
Temperature Output
TE1
1488
1441
Test Multiplexer Output
TE2
1742
1441
Voltage Control Input
VC
185
153
Crystal Oscillator Output
X1
439
149
Crystal/Varactor Oscillator Input
X2
1357
149
Power Supply Ground
VSS
1790
166
Buffer Output
OUT
2046
153
Note: Because the substrate of the die is internally connected to GND, the die has to be connected to GND or
left floating. Make sure that GND is the first pad to be bonded. Pick-and-place and all component assembly are
recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD - VSS
-0.3
6.0
V
Input Pin Voltage
VSS -0.3
VDD + 0.3
V
1)
Power Dissipation
PMAX
20
mW
Storage Temperature
TST
-55
150
oC
Note 1: Not valid for programming pin PV
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
2.7
2.8
5.5
V
1)
Supply Current
ICC
Vdd = 2.8 Volt
1.8
mA
Operating Temperature
TOP
-30
+85
oC
2)
Storage Temperature
TS
Relative humidity =
15%…70%
-45
+40
oC
Crystal Pulling Sensitivity
S
30
ppm/pF
Crystal Load Capacitance
CL
10
pF
Note 1: Minimum Supply Voltage 2.6 V for MAS9270Cxx2 version.
Note 2: Minimum Operating Temperature –40 °C for MAS9270Cxx3 version.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com