Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6321 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM6321
Description  High Speed Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6321 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM6321 Datasheet HTML 3Page - National Semiconductor (TI) LM6321 Datasheet HTML 4Page - National Semiconductor (TI) LM6321 Datasheet HTML 5Page - National Semiconductor (TI) LM6321 Datasheet HTML 6Page - National Semiconductor (TI) LM6321 Datasheet HTML 7Page - National Semiconductor (TI) LM6321 Datasheet HTML 8Page - National Semiconductor (TI) LM6321 Datasheet HTML 9Page - National Semiconductor (TI) LM6321 Datasheet HTML 10Page - National Semiconductor (TI) LM6321 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Application Hints (Continued)
pation in any application is P
D =(TJ(max)−TA)/
θ
JA. For the
simple case of a buffer driving a resistive load as in Figure 2,
the maximum DC power dissipation occurs when the output
is at half the supply. Assuming equal supplies, the formula is
P
D =IS (2V
+)+V+2/4 R
L.
The next parameter which must be calculated is the maxi-
mum allowable temperature rise, T
R(max). This is calculated
by using the formula:
T
R(max) = TJ(max) − TA(max)
where: T
J(max)
is
the
maximum
allowable
junction
temperature
T
A(max) is the maximum ambient temperature
Using the calculated values for T
R(max) and P(max), the
required value for junction-to-ambient thermal resistance,
θ
(J–A), can now be found:
θ
(J–A) =TR(max)/P(max)
The heatsink for the LM6321 is made using the PC board
copper. The heat is conducted from the die, through the lead
frame (inside the part), and out the pins which are soldered
to the PC board. The pins used for heat conduction are:
TABLE 1.
Part
Package
Pins
LM6321N
8-Pin DIP
1, 4, 5, 8
LM6321M
14-Pin SO
1, 2, 3, 6, 7,
8, 9, 13, 14
Figure 3 shows copper patterns which may be used to
dissipate heat from the LM6321.
TABLE 2.
Package
L (in.)
H (in.)
θ
JA (˚C/W)
8-Pin DIP
2
0.5
47
14-Pin SO
1
0.5
69
21
57
Table 2 shows some values of junction-to-ambient thermal
resistance (
θ
JA) for values of L and W for 2 oz. copper:
00922308
FIGURE 2.
8-Pin DIP
00922309
14-Pin SOIC
00922310
*For best results, useL=2H
FIGURE 3. Copper Heatsink Patterns
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com