Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVA5AB1BA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OVA5AB1BA
Description  CRYSTAL CONTROLLED OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OVA5AB1BA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OVA5AB1BA Datasheet HTML 1Page - List of Unclassifed Manufacturers OVA5AB1BA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
WWW.CONWIN.COM
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Cx116
00
12/29/06
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
ENVIRONMENTAL CHARACTERISTICS
Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55°C to 125°C, 300 cycles,
10 minute dwell, 1minute transition.
Gross Leak Test: Per MIL-STD-202, Method 112, Condition D. No Bubbles i n flourinert (FC-43) at
125°C ±5°C for 20 seconds.
SOLDERING
Pin Solderability: Per MIL-STD-883, Method 2003. 8 hour steam age prior to 2 54°C ±5°C Solder
pot dip, 95% Coverage.
Resistance to Solder Heat: Per MIL-STD-202, Method 210, Condition C. Wave: Topside board-
mount product, 260°C ±5°C for 20 seconds.
MECHANICAL CHARACTERISTICS
Vibration: Per MIL-STD-202, Method 204, Condition A. 10G’s peak , 10Hz to 500Hz, 15 minute
cycles 12 times each perpendicular ax is.
Shock: Per MIL-STD-202, Method 213, Condition F. 1500G’s, 0.5m s, half sine, 3 shocks per
direction.
Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65°C, 10 c ycles 10°C to 65°C.
Notes:
1) Initial calibration @ 25°C, Vc = 2.0 Vdc.
2) Frequency stability, absolute over the temperature range of 0 to 70°C.
3) Frequency stability per 5% change in supply voltage.
4) At the time of shipment after 48 hours of operation.
5) Inclusive of calibration, operating tem perature range, supply voltage change, s hock and
vibration and aging (20 years).
6) Measured @ 25°C, within 5 minutes, the unit will be within +/-0.1ppm of its reference
frequency, measured after 30 minutes of c ontinuous operation at a stable 25 °C.
7) Referenced to Fo @ 25°C, Positive Transfer Characteristic.
Dimensional Tolerance:
±.005 (.127mm)
TABLE 6.0
Pin
Function
1
Voltage Control
7
Ground (Case)
8
Output
14
Vcc
Pin Connections
Package Layout
Solder Profile
Test Circuit
CONTROL
VOLTAGE
50 Ohm
Oscilloscope
Termination



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com