Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST173C12CEH3LP Datasheet(PDF) 1 Page - International Rectifier

Part # ST173C12CEH3LP
Description  INVERTER GRADE THYRISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST173C12CEH3LP Datasheet(HTML) 1 Page - International Rectifier

  ST173C12CEH3LP Datasheet HTML 1Page - International Rectifier ST173C12CEH3LP Datasheet HTML 2Page - International Rectifier ST173C12CEH3LP Datasheet HTML 3Page - International Rectifier ST173C12CEH3LP Datasheet HTML 4Page - International Rectifier ST173C12CEH3LP Datasheet HTML 5Page - International Rectifier ST173C12CEH3LP Datasheet HTML 6Page - International Rectifier ST173C12CEH3LP Datasheet HTML 7Page - International Rectifier ST173C12CEH3LP Datasheet HTML 8Page - International Rectifier ST173C12CEH3LP Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
330A
INVERTER GRADE THYRISTORS
Hockey Puk Version
ST173CPbF SERIES
1
Bulletin I25233 10/06
www.irf.com
Typical Applications
Inverters
Choppers
Induction heating
All types of force-commutated converters
Features
Metal case with ceramic insulator
International standard case TO-200AB (A-PUK)
All diffused design
Center amplifying gate
Guaranteed high dV/dt
Guaranteed high dI/dt
High surge current capability
Low thermal impedance
High speed performance
case style TO-200AB (A-PUK)
I
T(AV)
330
A
@ T
hs
55
°C
I
T(RMS)
610
A
@ T
hs
25
°C
I
TSM
@ 50Hz
4680
A
@ 60Hz
4900
A
I
2t@ 50Hz
110
KA
2s
@ 60Hz
100
KA
2s
V
DRM/VRRM
1000 to1200
V
t
q
range
15 to 30
µs
T
J
- 40 to 125
°C
Major Ratings and Characteristics
Parameters
ST173C..C
Units


Similar Part No. - ST173C12CEH3LP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST173C12CHK0LP VISHAY-ST173C12CHK0LP Datasheet
147Kb / 9P
Inverter Grade Thyristors (Hockey PUK Version), 330 A
29-Apr-08
ST173C12CHK0P VISHAY-ST173C12CHK0P Datasheet
147Kb / 9P
Inverter Grade Thyristors (Hockey PUK Version), 330 A
29-Apr-08
ST173C12CHK1LP VISHAY-ST173C12CHK1LP Datasheet
147Kb / 9P
Inverter Grade Thyristors (Hockey PUK Version), 330 A
29-Apr-08
ST173C12CHK1P VISHAY-ST173C12CHK1P Datasheet
147Kb / 9P
Inverter Grade Thyristors (Hockey PUK Version), 330 A
29-Apr-08
ST173C12CHK2LP VISHAY-ST173C12CHK2LP Datasheet
147Kb / 9P
Inverter Grade Thyristors (Hockey PUK Version), 330 A
29-Apr-08
More results

Similar Description - ST173C12CEH3LP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST083S IRF-ST083S Datasheet
246Kb / 9P
INVERTER GRADE THYRISTORS
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
INVERTER GRADE THYRISTORS
logo
New Jersey Semi-Conduct...
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
INVERTER GRADE THYRISTORS
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST083S04 VISHAY-VS-ST083S04 Datasheet
217Kb / 11P
Inverter Grade Thyristors
26-Mar-14
VS-ST103SP VISHAY-VS-ST103SP Datasheet
192Kb / 11P
Inverter Grade Thyristors
11-Mar-14
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
Inverter Grade Thyristors
02-Jun-15
VS-ST183S08PFL0P VISHAY-VS-ST183S08PFL0P Datasheet
1Mb / 11P
Inverter Grade Thyristors
11-Mar-14
VS-ST303S04PFN0P VISHAY-VS-ST303S04PFN0P Datasheet
309Kb / 11P
Inverter Grade Thyristors
08-Jul-14
VS-ST333C04CFL0 VISHAY-VS-ST333C04CFL0 Datasheet
279Kb / 11P
Inverter Grade Thyristors
20-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com