Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA217 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA217
Description  Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER Replacement for SSM2017
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA217 Datasheet(HTML) 2 Page - Texas Instruments

  INA217 Datasheet HTML 1Page - Texas Instruments INA217 Datasheet HTML 2Page - Texas Instruments INA217 Datasheet HTML 3Page - Texas Instruments INA217 Datasheet HTML 4Page - Texas Instruments INA217 Datasheet HTML 5Page - Texas Instruments INA217 Datasheet HTML 6Page - Texas Instruments INA217 Datasheet HTML 7Page - Texas Instruments INA217 Datasheet HTML 8Page - Texas Instruments INA217 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
INA217
2
SBOS247B
www.ti.com
PACKAGE
PACKAGE
PRODUCT
PACKAGE-LEAD
DESIGNATOR
MARKING
INA217
SOL-16
DW
INA217
INA217
DIP-8
P
INA217
NOTES: (1) For the most current package and ordering information, see the
Package Option Addendum at the end of this document, or see the TI website
at www.ti.com.
Supply Voltage, V+ to V– ..................................................................
±18V
Signal Input Terminals, Voltage(2) .................. (V–) – 0.5V to (V+) + 0.5V
Current(2) .................................................... 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) Input terminals are diode-clamped to the power-supply
rails. Input signals that can swing more than 0.5V beyond the supply rails
should be current limited to 10mA or less. (3) Short-circuit to ground, one
amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
PIN CONFIGURATIONS
Top View
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
NC
RG
2
NC
V+
NC
V
OUT
REF
NC
NC
RG
1
NC
V
IN–
V
IN+
NC
V–
NC
SOL-16
NC = No Internal Connection
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RG
2
V+
V
OUT
REF
RG
1
V
IN–
V
IN+
V–
DIP-8
8
7
6
5
1
2
3
4
PACKAGE/ORDERING INFORMATION(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com