Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPAX134 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPAX134
Description  High-Performance, Fully-Differential AUDIO OP AMP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX134 Datasheet(HTML) 5 Page - Texas Instruments

  OPAX134 Datasheet HTML 1Page - Texas Instruments OPAX134 Datasheet HTML 2Page - Texas Instruments OPAX134 Datasheet HTML 3Page - Texas Instruments OPAX134 Datasheet HTML 4Page - Texas Instruments OPAX134 Datasheet HTML 5Page - Texas Instruments OPAX134 Datasheet HTML 6Page - Texas Instruments OPAX134 Datasheet HTML 7Page - Texas Instruments OPAX134 Datasheet HTML 8Page - Texas Instruments OPAX134 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
OPA1632
SBOS286A − DECEMBER 2003 − REVISED SEPTEMBER 2006
www.ti.com
5
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
10
1
10
100
1k
10k
100k
Frequency (Hz)
VOLTAGE NOISE vs FREQUENCY
10
1
0.1
10
100
1k
10k
100k
Frequency (Hz)
CURRENT NOISE vs FREQUENCY
15
10
5
0
−5
−10
−15
100
1k
10k
100k
R
L (Ω)
OUTPUT VOLTAGE
vs DIFFERENTIAL LOAD RESISTANCE
V
CC = ± 15V
V
CC = ± 15V
R
F =1kΩ
G= +2
V
CC = ±5V
V
CC = ±5V
100
10
1
0.1
100k
1M
10M
100M
1G
Frequency (Hz)
OUTPUT IMPEDANCE
vs FREQUENCY
V
CC = ± 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com