Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27C1001-12BTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # M27C1001-12BTR
Description  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-12BTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M27C1001-12BTR Datasheet HTML 7Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 8Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 9Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 10Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 11Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 12Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 13Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 14Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
M27C1001
Device description
11/24
Byte 0 (A0 = VIL) represents the manufacturer code and byte 1 (A0 = VIH) the device
identifier code. For the STMicroelectronics M27C1001, these two identifier bytes are given
in Table 3 and can be read-out on outputs Q7 to Q0.
2.10
Erasure operation (applies to UV EPROM)
The erasure characteristics of the M27C1001 is such that erasure begins when the cells are
exposed to light with wavelengths shorter than approximately 4000 Å. It should be noted
that sunlight and some type of fluorescent lamps have wavelengths in the 3000-4000 Å
range. Research shows that constant exposure to room level fluorescent lighting could
erase a typical M27C1001 in about 3 years, while it would take approximately 1 week to
cause erasure when exposed to direct sunlight. If the M27C1001 is to be exposed to these
types of lighting conditions for extended periods of time, it is suggested that opaque labels
be put over the M27C1001 window to prevent unintentional erasure. The recommended
erasure procedure for the M27C1001 is exposure to short wave ultraviolet light which has a
wavelength of 2537 Å. The integrated dose (i.e. UV intensity x exposure time) for erasure
should be a minimum of 15 W-sec/cm2. The erasure time with this dosage is approximately
15 to 20 minutes using an ultraviolet lamp with 12000 µW/cm2 power rating. The M27C1001
should be placed within 2.5 cm (1 inch) of the lamp tubes during the erasure. Some lamps
have a filter on their tubes which should be removed before erasure.
Table 3.
Electronic Signature
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s Code
VIL
001
00000
20h
Device Code
VIH
000
00101
05h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com