Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA627/637 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA627/637
Description  High-Performance, Fully-Differential AUDIO OP AMP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA627/637 Datasheet(HTML) 4 Page - Texas Instruments

  OPA627/637 Datasheet HTML 1Page - Texas Instruments OPA627/637 Datasheet HTML 2Page - Texas Instruments OPA627/637 Datasheet HTML 3Page - Texas Instruments OPA627/637 Datasheet HTML 4Page - Texas Instruments OPA627/637 Datasheet HTML 5Page - Texas Instruments OPA627/637 Datasheet HTML 6Page - Texas Instruments OPA627/637 Datasheet HTML 7Page - Texas Instruments OPA627/637 Datasheet HTML 8Page - Texas Instruments OPA627/637 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
OPA1632
SBOS286A − DECEMBER 2003 − REVISED SEPTEMBER 2006
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
0.001
0.0001
0.00001
10
100
1k
10k
100k
Frequency (Hz)
THD + NOISE vs FREQUENCY
Gain = +1
R
F = 348Ω
V
O =3Vrms
Differential I/O
R
L =600Ω
R
L =2kΩ
0.001
0.0001
0.00001
10
100
1k
10k
100k
Frequency (Hz)
THD + NOISE vs FREQUENCY
Gain = +1
R
F =348Ω
V
O =3Vrms
Single−Ended Input
Differential Output
R
L =600Ω
R
L =2kΩ
0.1
0.01
0.001
0.0001
0.00001
0.01
0.1
1
10
100
Differential Output Voltage (Vrms)
THD + NOISE vs OUTPUT VOLTAGE
Gain = +1
R
F =348Ω
f=1kHz
Differential I/O
R
L = 600Ω
R
L =2kΩ
0.01
0.001
0.0001
0.00001
0.01
0.1
1
10
100
Differential Output Voltage (Vrms)
THD + NOISE vs OUTPUT VOLTAGE
Gain = +1
R
F =348Ω
f=1kHz
Single−Ended Input
Differential Output
R
L = 600Ω
R
L =2kΩ
0.1
0.01
0.001
0.0001
0.00001
0.01
0.1
1
10
100
Differential Output Voltage (V
PP)
INTERMODULATION DISTORTION
vs OUTPUT VOLTAGE
Gain = +1
R
F =348Ω
Differential I/O
SMPTE 4:1; 60Hz, 7kHz
DIN 4:1; 250Hz, 8kHz
R
L =600Ω
R
L =2kΩ
0.1
0.01
0.001
0.0001
0.00001
0.01
0.1
1
10
100
Differential Output Voltage (V
PP)
INTERMODULATION DISTORTION
vs OUTPUT VOLTAGE
Gain = +1
R
F =348Ω
Single−Ended Input
Differential Output
SMPTE 4:1; 60Hz, 7kHz
DIN 4:1; 250Hz, 8kHz
R
L = 600Ω
R
L =2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com