Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA627AM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA627AM
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA627AM Datasheet(HTML) 2 Page - Texas Instruments

  OPA627AM Datasheet HTML 1Page - Texas Instruments OPA627AM Datasheet HTML 2Page - Texas Instruments OPA627AM Datasheet HTML 3Page - Texas Instruments OPA627AM Datasheet HTML 4Page - Texas Instruments OPA627AM Datasheet HTML 5Page - Texas Instruments OPA627AM Datasheet HTML 6Page - Texas Instruments OPA627AM Datasheet HTML 7Page - Texas Instruments OPA627AM Datasheet HTML 8Page - Texas Instruments OPA627AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
®
OPA627, 637
SPECIFICATIONS
ELECTRICAL
At TA = +25°C, and VS = ±15V, unless otherwise noted.
OPA627BM, BP, SM
OPA627AM, AP, AU
OPA637BM, BP, SM
OPA637AM, AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE (1)
Input Offset Voltage
40
100
130
250
µV
AP, BP, AU Grades
100
250
280
500
µV
Average Drift
0.4
0.8
1.2
2
µV/°C
AP, BP, AU Grades
0.8
2
2.5
µV/°C
Power Supply Rejection
VS = ±4.5 to ±18V
106
120
100
116
dB
INPUT BIAS CURRENT (2)
Input Bias Current
VCM = 0V
1
5
2
10
pA
Over Specified Temperature
VCM = 0V
1
2
nA
SM Grade
VCM = 0V
50
nA
Over Common-Mode Voltage
VCM = ±10V
1
2
pA
Input Offset Current
VCM = 0V
0.5
5
1
10
pA
Over Specified Temperature
VCM = 0V
1
2
nA
SM Grade
50
nA
NOISE
Input Voltage Noise
Noise Density: f = 10Hz
15
40
20
nV/
√Hz
f = 100Hz
8
20
10
nV/
√Hz
f = 1kHz
5.2
8
5.6
nV/
√Hz
f = 10kHz
4.5
6
4.8
nV/
√Hz
Voltage Noise, BW = 0.1Hz to 10Hz
0.6
1.6
0.8
µVp-p
Input Bias Current Noise
Noise Density, f = 100Hz
1.6
2.5
2.5
fA/
√Hz
Current Noise, BW = 0.1Hz to 10Hz
30
60
48
fAp-p
INPUT IMPEDANCE
Differential
1013 || 8
*
Ω || pF
Common-Mode
1013 || 7
*
Ω || pF
INPUT VOLTAGE RANGE
Common-Mode Input Range
±11
±11.5
*
*
V
Over Specified Temperature
±10.5
±11
*
*
V
Common-Mode Rejection
VCM = ±10.5V
106
116
100
110
dB
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = ±10V, RL = 1kΩ
112
120
106
116
dB
Over Specified Temperature
VO = ±10V, RL = 1kΩ
106
117
100
110
dB
SM Grade
VO = ±10V, RL = 1kΩ
100
114
dB
FREQUENCY RESPONSE
Slew Rate: OPA627
G = –1, 10V Step
40
55
*
*
V/
µs
OPA637
G = –4, 10V Step
100
135
*
*
V/
µs
Settling Time: OPA627 0.01%
G = –1, 10V Step
550
*
ns
0.1%
G = –1, 10V Step
450
*
ns
OPA637 0.01%
G = –4, 10V Step
450
*
ns
0.1%
G = –4, 10V Step
300
*
ns
Gain-Bandwidth Product: OPA627
G = 1
16
*
MHz
OPA637
G = 10
80
*
MHz
Total Harmonic Distortion + Noise
G = +1, f = 1kHz
0.00003
*
%
POWER SUPPLY
Specified Operating Voltage
±15
*
V
Operating Voltage Range
±4.5
±18
*
*
V
Current
±7
±7.5
*
*
mA
OUTPUT
Voltage Output
RL = 1kΩ±11.5
±12.3
*
*
Over Specified Temperature
±11
±11.5
*
*
V
Current Output
VO = ±10V
±45
*
mA
Short-Circuit Current
±35
+70/–55
±100
**
*mA
Output Impedance, Open-Loop
1MHz
55
*
Ω
TEMPERATURE RANGE
Specification: AP, BP, AM, BM, AU
–25
+85
*
*
°C
SM
–55
+125
°C
Storage: AM, BM, SM
–60
+150
*
*
°C
AP, BP, AU
–40
+125
*
*
°C
θ
J-A: AM, BM, SM
200
*
°C/W
AP, BP
100
*
°C/W
AU
160
°C/W
* Specifications same as “B” grade.
NOTES: (1) Offset voltage measured fully warmed-up. (2) High-speed test at TJ = +25°C. See Typical Performance Curves for warmed-up performance.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com