Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-DW3/S Datasheet(PDF) 9 Page - STMicroelectronics

Part # M95040-DW3/S
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DW3/S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M95040-DW3/S Datasheet HTML 5Page - STMicroelectronics M95040-DW3/S Datasheet HTML 6Page - STMicroelectronics M95040-DW3/S Datasheet HTML 7Page - STMicroelectronics M95040-DW3/S Datasheet HTML 8Page - STMicroelectronics M95040-DW3/S Datasheet HTML 9Page - STMicroelectronics M95040-DW3/S Datasheet HTML 10Page - STMicroelectronics M95040-DW3/S Datasheet HTML 11Page - STMicroelectronics M95040-DW3/S Datasheet HTML 12Page - STMicroelectronics M95040-DW3/S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
M95040, M95020, M95010
Signal description
9/42
2.6
Write Protect (W)
This input signal is used to control whether the memory is write protected. When Write
Protect (W) is held Low, writes to the memory are disabled, but other operations remain
enabled. Write Protect (W) must either be driven High or Low, but must not be left floating.
2.7
VSS ground
VSS is the reference for the VCC supply voltage.
2.8
Supply voltage (VCC)
VCC is the supply voltage.
2.8.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 8, Table 9 and
Table 10). In order to secure a stable DC supply voltage, it is recommended to decouple the
VCC line with a suitable capacitor (usually of the order of 10nF to 100nF) close to the
VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal write cycle (tW).
2.8.2
Power-up conditions
When the power supply is turned on, VCC rises from VSS to VCC. During this time, the Chip
Select (S) signal is not allowed to float and must follow the VCC voltage. The S line should
therefore be connected to VCC via a suitable pull-up resistor.
In addition, the Chip Select (S) input offers a built-in safety feature, as it is both edge
sensitive and level sensitive. Practically this means that after power-up, the device cannot
become selected until a falling edge has first been detected on Chip Select (S). So the Chip
Select (S) signal must first have been High, and then gone Low before the first operation can
be started.
2.8.3
Internal device reset
In order to prevent inadvertent Write operations during Power-up, a Power On Reset (POR)
circuit is included. At Power-up (continuous rise of VCC), the device will not respond to any
instruction until VCC has reached the Power On Reset threshold voltage (this threshold is
lower than the minimum VCC operating voltage defined in Section 9: DC and AC
parameters).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com